Electronic Components Datasheet Search
  English  ▼

X  

MH89770 Datasheet(PDF) 27 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 27 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 23Page - Mitel Networks Corporation MH89770 Datasheet HTML 24Page - Mitel Networks Corporation MH89770 Datasheet HTML 25Page - Mitel Networks Corporation MH89770 Datasheet HTML 26Page - Mitel Networks Corporation MH89770 Datasheet HTML 27Page - Mitel Networks Corporation MH89770 Datasheet HTML 28Page - Mitel Networks Corporation MH89770 Datasheet HTML 29Page - Mitel Networks Corporation MH89770 Datasheet HTML 30Page - Mitel Networks Corporation MH89770 Datasheet HTML 31Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
4-151
Preliminary Information
MH89770
.
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Supply Voltage with respect to VSS
VDD
-0.3
7
V
2
Voltage on any pin other than supplies, OUTA or OUTB
VSS-0.3
VDD+0.3
V
3
Voltage on OUTA or OUTB
15
V
4
Current at any pin other than supplies, OUTA or OUTB
20
mA
5
Current at OUTA or OUTB
200
mW
6
Storage Temperature
TST
-20
85
°C
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Parameters
Sym
Min
Typ‡
Max
Units
Test Conditions
1
I
n
p
u
t
s
Operating Temperature
TOP
070
°C
2
Supply Voltage
VDD
4.5
5.0
5.5
V
3
Input High Voltage
VIH
2.4
VDD
V
Digital Inputs
VIH
3.0
V
Line Inputs
4
Input Low Voltage
VIH
VSS
0.4
V
Digital Inputs
VIL
0.3
V
Line Inputs
DC Electrical Characteristics - Clocked operation over recommended temperature ranges.
Parameters
Sym
Min
Typ‡
Max
Units
Test Conditions
1
I
n
p
u
t
s
Supply Current
IDD
12
25
mA
Outputs Unloaded
2
Input High Voltage
VIH
2.0
V
Digital Inputs
3
Input Low Voltage
VIL
0.8
V
Digital Inputs
4
Input Leakage Current
IIL
±1
±10
µA
Digital Inputs VIN=0 to VDD
5
O
u
t
p
u
t
s
Output High Current
IOH
7
20
mA
Source Current VOH=2.4V
6
Output Low Current
IOL
2
10
mA
Sink Current VOL=0.4V
7
Output Low Voltage
OUTA or OUTB
VOL
0.25
V
IOL=10mA
8
Input Impedance RxT to RxR
RxT or RxR to Gnd
ZIN
400
Ω
1K
Ω
9
Schmitt Trigger Input (XSt)
VT+
4.0
V
VT-
1.5
V
AC Electrical Characteristics† - Capacitance
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input Pin Capacitance
CI
10
pF
2
Output Pin Capacitance
CO
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com