| Electronic Components Datasheet Search |
|
MT9079AC Datasheet(PDF) 18 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9079AC Datasheet(HTML) 18 Page - Mitel Networks Corporation |
|
18 / 54 page ![]() MT9079 4-254 Circular Buffers The MT9079 is equipped with two 16 byte circular receive buffers and two 16 byte circular transmit buffers, which can be connected to any PCM 30 time slot. Connection is made through control bits 3 to 0 of the per time slot control words on pages 7 and 8. These buffers will transmit and receive time slot data synchronously with the CRC-4 multiframe. Transmit circular buffer zero is located on page 9 (TxB0.0 to TxB0.15) and transmit circular buffer one is located on page 10 (TxB1.0 to TxB1.15). The two circular 16 byte receive buffers (page 11 - RxB0.0 to RxB0.15 and page 12 - RxB1.0 to RxB1.15) record the data received in an associated channel for the next 16 frames beginning with the CRC-4 multiframe boundary. The assigned channel data from the next multiframe will over-write the current data until the buffer is disconnected. The STOP and START maskable interrupts extend the normal operation of the receive buffers in the following manner. a) STOP - once activated, receive circular buffer 0 or 1 records time-slot data until that data either matches or mismatches a user-defined eight bit pattern, then the interrupt occurs. This user-defined bit pattern is determined by the Code Detect Word (CDW) and Detect Word Mask (CDM) mentioned below. b) START - once activated, receive circular buffer 0 or 1 begins recording time-slot data and initiates an interrupt when a user-defined eight bit pattern is received. This user-defined bit pattern is determined by the Code Detect Word (CDW) and Detect Word Mask (CDM) mentioned below. The functionality and control of the START and STOP interrupts is described in Table 6. PCM 30 Time-Slot Code Insertion and Detection Idle line codes, flags or user-defined codes can be inserted and detected on any combination of PCM 30 time-slots. This is done as follows: a) CIW7-0 - Code Insert Word 7 to 0 (page 1, address 17H) is an eight bit code that is transmitted on user-defined PCM 30 time-slots. Transmit time-slots are selected through bit 7 of the per time slot control words (pages 7 and 8). b) CDW7-0 - Code Detect Word 7 to 0 (page 1, address 18H) is an eight bit code, which is compared with the contents of user-defined PCM 30 receive time-slots. When the contents of the selected channels matches the CDW7-0 the DATA interrupt, if unmasked, will be triggered. Receive time-slots are selected Notes: 1) The interrupt vector value associated with these interrupts is 02H (page 4, address 12H) 2) The START and STOP interrupts can be used to record the data between two pre-defined eight bit data patterns received in a particular pattern. 3) Circular Buffer Accumulate Control Word (page 2, address 12H). Interrupt Mask Function* (note 3) Description (see notes 1 and 2) STOP (page 1, address 1EH, bit 2) STOP0 Circular buffer zero stops recording on a match with CDW and CDM. STOP1 Circular buffer one stops recording on a match with CDW and CDM. STOP0 Circular buffer zero stops recording on a mismatch with CDW and CDM. STOP1 Circular buffer one stops recording on a mismatch with CDW and CDM. START (page 1, address 1EH, bit 1) START0 Circular buffer zero starts recording on a match with CDW and CDM. START1 Circular buffer one starts recording on a match with CDW and CDM. START0 Circular buffer zero starts recording on a mismatch with CDW and CDM. START1 Circular buffer one starts recording on a mismatch with CDW and CDM. Table 6 - START and STOP Interrupt Control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |