Electronic Components Datasheet Search
  English  ▼

X  

MT9079AC Datasheet(PDF) 43 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 43 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 39Page - Mitel Networks Corporation MT9079AC Datasheet HTML 40Page - Mitel Networks Corporation MT9079AC Datasheet HTML 41Page - Mitel Networks Corporation MT9079AC Datasheet HTML 42Page - Mitel Networks Corporation MT9079AC Datasheet HTML 43Page - Mitel Networks Corporation MT9079AC Datasheet HTML 44Page - Mitel Networks Corporation MT9079AC Datasheet HTML 45Page - Mitel Networks Corporation MT9079AC Datasheet HTML 46Page - Mitel Networks Corporation MT9079AC Datasheet HTML 47Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
MT9079
4-279
Common Channel Signalling Interface
Figure 14 shows how to interface DSTi and DSTo
time slot 16 to the MC68302 for the control of
Common Channel Signalling (CCS) data. As can be
seen in the timing diagram, the MT8980D CSTo
signal must be programmed to go high during the bit
position just before time slot 16 (i.e., time slot 15, bit
0). This will enable the NMSI1 pins for one time slot
(eight C2 cycles) when the NMSI1 port is operated in
PCM mode. The STo stream of the MT8980D must
also be programmed to be high impedance during
time slot 16. C2 is used to clock data into and out of
the NMSI1 port.
It should be noted that the DS signal of the MC68302
must be inverted to interface to the MT8980D. Also,
DTACK must be connected to the MT8980D DTA and
pulled-up with a 909 ohms resistor.
The MT9079 Transparent Mode
Figure 15 illustrates an application in which the
MT9079 transparent mode can be used. That is, a
digital
cross-connect
multiplexer
that
switches
complete PCM 30 trunks and does not require time
slot switching. It should be noted that any MT9079
devices that transport time slot switched data must
operate in termination mode otherwise, the CRC-4
remainder will be in error.
In transparent mode the complete PCM 30 data
stream will pass through the MT9079 except for the
data link (Sa4 of the NFAS - 4kbit/sec. maintenance
channel).
The
CRC-4
remainder
will
not
be
generated by the transmit section of the MT9079, but
the CRC-4 remainder bits received on DSTi will be
modified to reflect the new data link bits. This has the
advantage that any CRC-4 errors that occur on the
Figure 15 - PCM-30 (E1) Trunk Cross-Connect using the MT9079 Transparent Mode
Figure 16 - MT9079 Fibre Interface Circuit
DSTo
DSTi
C4i/C2i
E2i
TxA
TxB
RxA
RxB
MT9079
C4
TxMF
To Line
RxMF
To Data Link
Controller
DSTo
DSTi
C4i/C2i
E2i
TxA
TxB
RxA
RxB
MT9079
C4
RxMF
To Line
TxMF
To Data Link
Controller
Interface
Interface
Digital Cross-Connect Matrix
MT8980D
STi0
STo0
Switch 0,0
MT8980D
Switch 0,M
MT8980D
Switch n,0
MT8980D
Switch n,M
m+1 Frame
Delay
DSTi
DSTo
C4i/C2i
E2i
TxA
TxB
RxA
RxB
MT9079
C2
CLKi
C4
Datai
Tx+
Tx-
Data0
RxCLK
CODEi
NRZ
NRZ
Tx+
Tx-
RxData
Manchester Encoder
Manchester Decoder
Transmit Fibre Interface
Receive Fibre Interface
Receive Fibre
Transmit Fibre



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com