| Electronic Components Datasheet Search |
|
MT9079AC Datasheet(PDF) 33 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9079AC Datasheet(HTML) 33 Page - Mitel Networks Corporation |
|
33 / 54 page ![]() MT9079 4-269 Bit Name Functional Description 7 - 0 EFLD7 - EFLD0 Errored Frame Alignment Load Word. This bit pattern is loaded into the errored frame alignment signal counter when LDEF is toggled (valid in ST-BUS mode only). Table 46 - Errored Frame Alignment Load Word (Page 2, Address 1AH) Bit Name Functional Description 7 - 0 BPLD15 - BPLD8 Bipolar Violation Load Word. This bit pattern is loaded into the most signifi- cant bits of the bipolar Violation counter when LDBPV is toggled (valid in ST-BUS mode only). Table 47 - Most Significant Bipolar Violation Load Word (Page 2, Address 1CH) Bit Name Functional Description 7 - 0 BPLD7 - BPLD0 Bipolar Violation Load Word. This bit pattern is loaded into the least signifi- cant bits of the Bipolar Violation Counter. These bits are loaded when LDBPV is toggled. Table 48 - Least Significant Bipolar Violation Load Word (Page 2, Address 1DH) Bit Name Functional Description 7 - 0 ECLD7 - ECLD0 E-bit Error Counter Load Word. This bit pattern is loaded into the E-bit error counter when LDEC is toggled (valid in ST-BUS mode only). Table 49 - E-bit Error Counter Load Word (Page 2, Address 1EH) Bit Name Functional Description 7 - 0 CCLD7 - CCLD0 CRC-4 Error Counter Load Word. This bit pattern is loaded into the CRC-4 Error Counter when LDCRC is toggled (valid in ST-BUS mode only). Table 50 - CRC-4 Error Counter Load Word (Page 2, Address 1FH) Status Page 3 Tables 51 to 58 describe the bit functions of the page 3 status registers. Bit Name Functional Description 7 SYNC Receive Basic Frame Alignment. Indicates the basic frame alignment status (1 - loss; 0 - acquired). 6 MFSYNC Receive Multiframe Alignment. Indi- cates the multiframe alignment status (1 - loss; 0 -acquired). 5 CRCSYN Receive CRC-4 Synchronization. Indicates the CRC-4 multiframe alignment status (1 - loss; 0 - acquired). 4 REB1 Receive E-Bit One Status. This bit indicates the status of the received E1 bit of the last multiframe. 3 REB2 Receive E-Bit Two Status. This bit indicates the status of the received E2 bit of the last multiframe. 2 CRCRF CRC-4 Reframe. A one indicates that the receive CRC-4 multiframe syn- chronization could not be found within the time out period of 8 msec. after detecting basic frame synchro- nization. This bit is cleared when CRC-4 synchronization is achieved. 1 PSYNC Synchronization Persistence. This bit will go high when the SYNC status bit goes high (loss of basic frame align- ment). It will persist high for eight msec. after SYNC has returned low, and then return low. 0 CRCIWK CRC-4 Interworking. This bit indi- cates the CRC-4 interworking status (1 - CRC-to-CRC; 0 - CRC-to-non-CRC). Table 51 - Synchronization Status Word (Page 3, Address 10H) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |