Electronic Components Datasheet Search
  English  ▼

X  

MT9079AC Datasheet(PDF) 45 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 45 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 41Page - Mitel Networks Corporation MT9079AC Datasheet HTML 42Page - Mitel Networks Corporation MT9079AC Datasheet HTML 43Page - Mitel Networks Corporation MT9079AC Datasheet HTML 44Page - Mitel Networks Corporation MT9079AC Datasheet HTML 45Page - Mitel Networks Corporation MT9079AC Datasheet HTML 46Page - Mitel Networks Corporation MT9079AC Datasheet HTML 47Page - Mitel Networks Corporation MT9079AC Datasheet HTML 48Page - Mitel Networks Corporation MT9079AC Datasheet HTML 49Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
MT9079
4-281
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
† Characteristics are over the ranges of recommended operating temperature and supply voltage.
Notes:
1. Maximum leakage on pins (output pin in high impedance state) is over an applied voltage (V).
Notes:
1. Timing for output signals is based on the worst case result of the combination of TTL and CMOS thresholds.
Absolute Maximum Ratings* - Voltages are with respect to ground (V
SS) unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD
-0.3
7
V
2
Voltage at Digital Inputs
VI
-0.3
VDD + 0.3
V
3
Current at Digital Inputs
II
30
mA
4
Voltage at Digital Outputs
VO
-0.3
VDD + 0.3
V
5
Current at Digital Outputs
IO
30
mA
6
Storage Temperature
TST
-65
150
°C
7
Package Power Dissipation
P
800
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Conditions/Notes
1
Operating Temperature
TOP
-40
85
°C
2
Supply Voltage
VDD
4.5
5.5
V
DC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Conditions/Notes
1
Power Dissipation
PD
39
mW
Outputs unloaded
2
Supply Current
IDD
7
mA
Outputs unloaded
3
Input High Voltage
VIH
2.0
VDD
V
4
Input Low Voltage
VIL
00.8
V
5
Current Leakage
ILK
10
µA0≤V≤V
DD See Note 1
6
Output High Current
IOH
12
mA
Source VOH=2.4 V
7
Output Low Current
IOL
15
mA
Sink VOL=0.4 V
8
Pin Capacitance
CP
pF
8pF typical
AC Electrical Characteristics - Timing Parameter Measurement Voltage Levels
Characteristics
Sym
Level
Units
Conditions/Notes
1
TTL Threshold Voltage
VTT
1.5
V
See Note 1
2
CMOS Threshold Voltage
VCT
0.5VDD
V
See Note 1
3
Rise/Fall Threshold Voltage High
VHM
2.0
0.7VDD
V
V
TTL
CMOS
4
Rise/Fall Threshold Voltage Low
VLM
0.8
0.3VDD
V
V
TTL
CMOS
See Note 1
See Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com