Electronic Components Datasheet Search
  English  ▼

X  

MT9079AC Datasheet(PDF) 52 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 52 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 46Page - Mitel Networks Corporation MT9079AC Datasheet HTML 47Page - Mitel Networks Corporation MT9079AC Datasheet HTML 48Page - Mitel Networks Corporation MT9079AC Datasheet HTML 49Page - Mitel Networks Corporation MT9079AC Datasheet HTML 50Page - Mitel Networks Corporation MT9079AC Datasheet HTML 51Page - Mitel Networks Corporation MT9079AC Datasheet HTML 52Page - Mitel Networks Corporation MT9079AC Datasheet HTML 53Page - Mitel Networks Corporation MT9079AC Datasheet HTML 54Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
MT9079
4-288
Figure 28 - PCM 30 Transmit Timing
Figure 29 - PCM 30 Receive Timing
AC Electrical Characteristics - PCM 30 Transmit Timing
Characteristic
Sym
Min
Typ
Max
Units
Conditions/Notes
1
Transmit Delay
tTDN
75
ns
150pF
2
Transmit Delay RZ
tTDR
75
ns
150pF
AC Electrical Characteristics - PCM 30 Receive Timing
Characteristic
Sym
Min
Typ
Max
Units
Conditions/Notes
1
E2i Clock Pulse Width High or Low
tCPW
50
438
ns
E2i clock period = 488nsec
2
Receive Setup Time
tRS
10
ns
3
Receive Hold Time
tRH
10
ns
C4i
C2i
TxA and TxB
for RZ
Transmit
Data
Bit Cell
PCM 30
TxA and TxB
for NRZ and
NRZB
tTDR
tTDR
tTDN
VTT
VTT
VTT, VCT
VTT, VCT
E2i
RxA and RxB
Receive
Data
Bit Cell
PCM 30
tCPW
tCPW
tRS
tRH
VTT
VTT, VCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com