Electronic Components Datasheet Search
  English  ▼

X  

MT9079AC Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 18Page - Mitel Networks Corporation MT9079AC Datasheet HTML 19Page - Mitel Networks Corporation MT9079AC Datasheet HTML 20Page - Mitel Networks Corporation MT9079AC Datasheet HTML 21Page - Mitel Networks Corporation MT9079AC Datasheet HTML 22Page - Mitel Networks Corporation MT9079AC Datasheet HTML 23Page - Mitel Networks Corporation MT9079AC Datasheet HTML 24Page - Mitel Networks Corporation MT9079AC Datasheet HTML 25Page - Mitel Networks Corporation MT9079AC Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
MT9079
4-258
Address
(A4A3A2A1A0)
Register
Function
10H - 11H
Unused.
---
12H (Table 59)
Interrupt Vector
IV7 - IV0
13H - 17H
Unused
---
18H (Table 60)
Bit Error Rate Counter
BR7 - BR0
19H (Table 61)
RAI and Continuous CRC Error Counter
RCRC7 - RCRC0
1AH (Table 62)
Errored Frame Alignment Signal Counter
EFAS7 - EFAS0
1BH
Unused.
---
1CH (Table 63)
Most Significant Bipolar Violation Error
Counter
BPV15 - BPV8
1DH (Table 64)
Least Significant Bipolar Violation Error
Counter
BPV7 - BPV0
1EH (Table 65)
E-bit Error Counter EBt
EC7 - EC0
1FH (Table 66)
CRC-4 Error Counter CEt
CC7 - CC0
Table 11 - Master Status Words (Page 4)
Per Channel Transmit Signalling (Page 5)
Table 12 describes Page 05H, addresses 10001 to
11111, which contains the Transmit Signalling Control
Words for PCM 30 channels 1 to 15 and 16 to 30.
Control of these bits is through the processor or
controller port when the RPSIG bit is high.
After a RESET or RST function, this page will be
deselected (CSTi2 selected). RPSIG must be made
high before the page can be programmed.
Serial per channel transmit signalling control through
CSTi2 is selected when RPSIG is low. Table 13
describes the function of ST-BUS time slots 1 to 15,
Bit
Name
Functional Description
7 - 4
A(n),
B(n),
C(n)
&
D(n)
Transmit Signalling Bits for Channel
n. These bits are transmitted on the
PCM 30 2048 kbit/sec. link in bit
positions one to four of time slot 16 in
frame n (where n = 1 to 15), and are
the A, B, C, D signalling bits associ-
ated with channel n.
3 - 0
A(n+15),
B(n+15),
C(n+15)
&
D(n+15)
Transmit Signalling Bits for Channel
n + 15. These bits are transmitted on
the PCM 30 2048 kbit/sec. link in bit
positions five to eight of time slot 16
in frame n (where n = 1 to 15), and
are the A, B, C, D signalling bits
associated with channel n + 15.
Table 12 - Transmit Channel Associated Signalling
(Page 5)
and Table 14 describes the function of ST-BUS time
slots 17 to 31 of CSTi2.
Bit
Name
Functional Description
7 - 4
A(n),
B(n),
C(n)
&
D(n)
Transmit Signalling Bits for Channel
n. These bits are transmitted on the
PCM 30 2048 kbit/sec. link in bit
positions one to four of time slot 16 in
frame n (where n = 1 to 15), and are
the A, B, C, D signalling bits associ-
ated with channel n.
3 - 0
---
Unused.
Table 13 - Transmit CAS Channels 1 to 15 (CSTi2)
Bit
Name
Functional Description
7 - 4
A(n+15),
B(n+15),
C(n+15)
&
D(n+15)
Transmit Signalling Bits for Channel
n + 15. These bits are transmitted on
the PCM 30 2048 kbit/sec. link in bit
positions five to eight of time slot 16
in frame n (where n = 1 to 15), and
are the A, B, C, D signalling bits
associated with channel n + 15.
3 - 0
---
Unused.
Table 14 - Transmit CAS Channels 16 to 30 (CSTi2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com