Electronic Components Datasheet Search
  English  ▼

X  

MT9079AC Datasheet(PDF) 46 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 46 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 42Page - Mitel Networks Corporation MT9079AC Datasheet HTML 43Page - Mitel Networks Corporation MT9079AC Datasheet HTML 44Page - Mitel Networks Corporation MT9079AC Datasheet HTML 45Page - Mitel Networks Corporation MT9079AC Datasheet HTML 46Page - Mitel Networks Corporation MT9079AC Datasheet HTML 47Page - Mitel Networks Corporation MT9079AC Datasheet HTML 48Page - Mitel Networks Corporation MT9079AC Datasheet HTML 49Page - Mitel Networks Corporation MT9079AC Datasheet HTML 50Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
MT9079
4-282
Notes:
1. High impedance is measured by pulling to the appropriate rail with RL. Timing is corrected to cancel time taken to discharge CL.
2. Outputs are compatible with both CMOS and TTL logic levels.
Timing parameters are measured with respect to both CMOS
(VCT=0.5VDD) and TTL (VTT=1.5V) references and the worst case value is specified.
3. DS and CS may be connected together.
4. tDAZ is measured with respect to the raising edge of DS or CS, whichever occurs first.
Figure 17 - Microprocessor Timing Diagram
AC Electrical Characteristics- Microprocessor Timing
Characteristics
Sym
Min
Typ
Max
Units
Conditions/Notes
1DS low
tDSL
70
ns
2DS High
tDSH
50
ns
3CS Setup
tCSS
0
ns
See Note 3
4R/W Setup
tRWS
5ns
5
Address Setup
tADS
5ns
6CS Hold
tCSH
0
ns
See Note 3
7R/W Hold
tRWH
0ns
8
Address Hold
tADH
0ns
9
Data Delay Read
tDDR
120
ns
CL=150pF, RL=1kΩ
See Note 2
10
Data Active to High Z Delay
tDAZ
50
ns
CL=150pF, RL=1kΩ
See Notes 1, 2 & 4
11
Data Setup Write
tDSW
5ns
12
Data Hold Write
tDHW
25
ns
DS
CS
R/W
A0-A4
D0-D7
READ
D0-D7
WRITE
tCSS
tRWS
tADS
tCSH
tRWH
tADH
tDSW
tDAZ
tDDR
tDHW
tDSH
tDSL
VALID DATA
VALID DATA
VTT
VTT
VTT
VTT
VTT,VCT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com