Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 4Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 5Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 6Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 7Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 8Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 10Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 11Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MT91L60/61
Advance Information
8
(a) A microport read of address 04 hex will result in a
byte of data being extracted which is composed of
four di-bits (designated by roman numerals I,II,III,IV).
These di-bits are composed of the two D-Channel
bits received during each of frames n, n-1, n-2 and
n-3. Referring to Fig. 7a: di-bit I is mapped from
frame n-3, di-bit II is mapped from frame n-2, di-bit III
is mapped from frame n-1 and di-bit IV is mapped
from frame n.
The D-Channel read register is not preset to any
particular value on power-up (PWRST) or software
reset (RST).
(b) A microport write to Address 04 hex will result in
a byte of data being loaded which is composed of
four di-bits (designated by roman numerals I, II, III,
IV). These di-bits are destined for the two D-Channel
bits transmitted during each of frames n+1, n+2, n+3,
n+4. Referring to Fig. 7a: di-bit I is mapped to frame
n+1, di-bit II is mapped to frame n+2, di bit III is
mapped to frame n+3 and di bit IV is mapped to
frame n+4.
If no new data is written to address 04 hex , the
current
D-channel
register
contents
will
be
continuously re-transmitted.
The D-Channel write
register is preset to all ones on power-up (PWRST)
or software reset (RST).
An interrupt output is provided (IRQ) to synchronize
microprocessor access to the D-Channel register
during valid ST-BUS periods only. IRQ will occur
every fourth (eighth in 8 kb/s mode) ST-BUS frame
at the beginning of the third (second in 8 kb/s mode)
ST-BUS bit cell period. The interrupt will be removed
following a microprocessor Read or Write of Address
04 hex or upon encountering the following frames F0i
input, whichever occurs first. To ensure D-Channel
data
integrity,
microport
read/write
access
to
Address 04 hex must occur before the following
frame pulse. See Figure 7b for timing.
8 kb/s operation expands the interrupt to every eight
frames
and
processes
data
one-bit-per-frame.
D-Channel register data is mapped according to
Figure 7c.
CEn - C-Channel
Channel 1 conveys the control/status information for
the
Layer
1
transceiver.
C-Channel
data
is
transferred
MSB
first
on
the
ST-BUS
by
the
MT91L60/61. The full 64 kb/s bandwidth is available
and is assigned according to which transceiver is
being used. Consult the data sheet for the selected
transceiver for its C-Channel bit definitions and order
of bit transfer.
When CEN is high, data written to the C-Channel
register
(address
05h)
is
transmitted,
most
significant bit first, on DSTo. On power-up reset
(PWRST) or software reset (Rst, address 03h) all
C-Channel bits default to logic high.
Receive
C-Channel data (DSTi) is always routed to the read
register regardless of this control bit's logic state.
When low, data transmission is halted and this
timeslot is tri-stated on DSTo.
B1-Channel and B2-Channel
Channels 2 and 3 are the B1 and B2 channels,
respectively. B-channel PCM associated with the
Filter/Codec and transducer audio paths is selected
on an independent basis for the transmit and receive
paths. TxBSel and RxBSel (Control Register 1,
address 03h) are used for this purpose.
If no valid transmit path has been selected then the
timeslot output on DSTo is tri-stated (see PDFDI and
PDDR control bits, Control Register 1 address 03h).
Figure 6 - ST-BUS Channel Assignment
F0i
DSTi,
DSTo
LSB first
for D-
Channel
MSB first for C, B1- & B2-
Channels
CHANNEL 0
D-channel
CHANNEL 1
C-channel
CHANNEL 2
B1-channel
CHANNEL 3
B2-channel
CHANNELS 4-31
Not Used
125
µs
FOod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com