Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 10Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 11Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 12Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 13Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 14Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 15Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 16Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Advance Information
MT91L60/61
13
Figure 9 - Delayed Frame Pulse of First MT91L61 Signalling Second MT91L61
0.1
µF
0.1
µF
VBias
+3V
75
Ω
150
Ω
75
Ω
+3V
Dout
Din
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
Frame Pulse
Clock
A/
µ/IRQ
MT91L61
M+
M-
SCLK
DATA1
DATA2
DATA2 Motorola
Mode only
CS
INTEL
MCS-51
or
MOTOROLA
SPI
Micro-
Controller
Typical External Gain
AV= 5-10
()
0.1
µF
0.1
µF
VBias
+3V
75
Ω
150
Ω
75
Ω
+3V
A/
µ/IRQ
M+
M-
SCLK
DATA1
DATA2
DATA2 Motorola
Mode only
CS
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
MT91L61
21
22
23
24
3V
Timing
from
PC Bus
0.1
µF
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com