Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 19 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 19 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 15Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 16Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 17Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 18Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 19Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 20Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 21Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 22Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 23Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Advance Information
MT91L60/61
19
† DC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note 1 - Magnitude measurement, ignore signs.
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
DC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input HIGH Voltage CMOS inputs
VIHC
0.7*Vdd
V
2
Input LOW Voltage CMOS inputs
VILC
0.
3*Vdd
V
3
VBias Voltage Output
VBias
VDD/2
V
Max. Load = 20k
Ω
4
VRef Voltage Output
VRef
VDD/2-1.1
V
No Load
5
Input Leakage Current
IIZ
0.1
10
µAV
IN=VDD to VSS
6
Positive Going Threshold
Voltage (PWRST only)
Negative Going Threshold
Voltage (PWRST only)
Hysteresis
VT+
VT-
2.2
0.65
0.7
V
V
V
Vdd = 3V
7
Output HIGH Current
IOH
1.0
mA
VOH = 0.9*VDD
See Note 1
8
Output LOW Current
IOL
2.5
mA
VOL = 0.1*VDD
See Note 1
9
Output Leakage Current
IOZ
0.01
10
µAV
OUT = VDD and VSS
10
Output Capacitance
Co
15
pF
11
Input Capacitance
Ci
10
pF
Clockin Tolerance Characteristics† (ST-BUS Mode)
Characteristics
Min
Typ‡
Max
Units
Test Conditions
1
C4i Frequency
4095.6
4096
4096.4
kHz
(i.e., 100 ppm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com