Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 26 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 26 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 22Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 23Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 24Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 25Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 26Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 27Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 28Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 29Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 30Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MT91L60/61
Advance Information
26
Figure 13 - SSI Asynchronous Timing Diagram
† Timing is over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note: All conditions
→ data-data, data-HiZ, HiZ-data.
AC Electrical Characteristics† - Microport Timing (see Figure 14)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input data setup
tIDS
100
ns
2
Input data hold
tIDH
30
ns
3
Output data delay
tODD
120
ns
CL = 50pF, RL = 1K *
4
Serial clock period
tCYC
500
1000
ns
5
SCLK pulse width high
tCH
250
500
ns
6
SCLK pulse width low
tCL
250
500
ns
7
CS setup-Intel
tCSSI
200
ns
8
CS setup-Motorola
tCSSM
100
ns
9
CS hold
tCSH
100
ns
10
CS to output high impedance
tOHZ
120
ns
CL = 50pF, RL = 1K
Din
Dout
STB
70%
30%
70%
30%
70%
30%
Tj
tdda1
NOTE:
Levels refer to % VDD (CMOS I/O)
tdha1
TDATA1
tdda2
TDATA
Bit 1
Bit 2
Bit 3
D1
D2
D3
tho
tsu
TDATA/2
TDATA
TDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com