Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 13Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 14Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 15Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 16Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 17Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 18Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 19Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 20Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Advance Information
MT91L60/61
17
Figure 10 - Loopback Signal Flow
C-Channel Register
ADDRESS = 05h WRITE/READ
Power Reset Value
1111 1111- write
76543210
C7
C6
C5
C4
C2
C1
C0
C3
Micro-port access to the ST-BUS C-Channel information read and write
XXXX XXXX - read
D7-D0
Data written to this register will be transmitted every frame, in channel 0, if the DEn control bit is set (address 04h).
Received D-Channel data is valid, regardless of the state of DEn. These bits are valid for ST-BUS mode only and are
accessible only when IRQ indicates valid access.
D-Channel Register
ADDRESS = 06h WRITE/READ
Power Reset Value
1111 1111- write
76543210
D7
D6
D5
D4
D2
D1
D0
D3
XXXX XXXX - read
PCM/ANALOG This control bit functions only when loopen is set high. It is ignored when loopen is low.
For loopback operation when this bit is high, the device is configured for digital-to-digital loopback operation. Data on
Din is looped back to Dout without conversion to the analog domain. However, the receive D/A path (from Din to
HSPKR
±) still functions. When low, the device is configured for analog-to-analog operation. An analog input signal at
M
± is looped back to the SPKR± outputs through the A/D and D/A circuits as well as through the normal transmit A/D
path (from M
± to Dout).
loopen
When high, loopback operation is enabled and the loopback type is governed by the state of the PCM/ANALOG bit.
When low, loopbacks are disabled, the device operates normally and the PCM/ANALOG bit is ignored.
Loopback Register
ADDRESS = 07h WRITE/READ VERIFY
Power Reset Value
XXXX 0000
76543210
--
--
-
PCM/
loopen
-
ANALOG
Dout
M +/-
HSPKR +/-
Dout
Din
HSPKR +/-
Analog Loopback
Digital Loopback
PCM/ANALOG = 0
loopen = 1
PCM/ANALOG = 1
loopen = 1
Note: Bits marked "-" are reserved bits and should be written with logic "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com