Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 27 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 27 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 23Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 24Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 25Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 26Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 27Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 28Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 29Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 30Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 31Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Advance Information
MT91L60/61
27
Figure 14 - Microport Timing
HiZ
HiZ
DATA INPUT
DATA INPUT
DATA OUTPUT
DATA OUTPUT
2.0V
0.8V
90%
10%
90%
10%
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
tIDS
tIDH
tCYC
tODD
tCSSI
tCH
tOHZ
2.0V
0.8V
tCSSM
tIDH
tIDS
2.0V
0.8V
tCYC
tODD
tCSH
NOTE: % refers to % VDD
SCLK
SCLK
Intel
Mode = 0
Motorola
Mode = 00
CS
tCL
tCH
tCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com