Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT91L60AS Datasheet HTML 1Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 2Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 3Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 4Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 5Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 6Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 7Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 8Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Advance Information
MT91L60/61
5
National
Semiconductor
Microwire
specifications
provides access to all MT91L60/61 internal read and
write registers. This microport consists of a transmit/
receive data pin (DATA1), a receive data pin
(DATA2), a chip select pin (CS) and a synchronous
data clock pin (SCLK). For D-channel contention
control, in ST-BUS mode, this interface provides an
open-drain interrupt output (IRQ).
The microport dynamically senses the state of the
serial clock (SCLK) each time chip select becomes
active. The device then automatically adjusts its
internal timing and pin configuration to conform to
Intel or Motorola/National requirements. If SCLK is
high during chip select activation then Intel mode 0
timing is assumed. The DATA1 pin is defined as a
bi-directional
(transmit/receive)
serial
port
and
DATA2 is internally disconnected. If SCLK is low
during chip select activation then Motorola/National
timing
is
assumed.
Motorola
processor
mode
CPOL=0, CPHA=0 must be used. DATA1 is defined
as the data transmit pin while DATA2 becomes the
data receive pin. Although the dual port Motorola
controller configuration usually supports full-duplex
communication, only half-duplex communication is
possible in the MT91L60/61. The micro must discard
non-valid data which it clocks in during a valid write
transfer to the MT91L60/61. During a valid read
transfer from the MT91L60/61 data simultaneously
clocked out by the micro is ignored by the MT91L60/
61.
All data transfers through the microport are two-byte
transfers requiring the transmission of a Command/
Address byte followed by the data byte written or
read from the addressed register. CS must remain
asserted for the duration of this two-byte transfer. As
shown in Figures 5 and 6 the falling edge of CS
indicates to the MT91L60/61 that a microport
transfer is about to begin. The first 8 clock cycles of
SCLK after the falling edge of CS are always used to
receive
the
Command/Address
byte
from
the
microcontroller.
The
Command/Address
byte
contains information detailing whether the second
byte transfer will be a read or a write operation and
at what address. The next 8 clock cycles are used to
transfer the data byte between the MT91L60/61 and
the microcontroller. At the end of the two-byte
transfer CS is brought high again to terminate the
session. The rising edge of CS will tri-state the
output driver of DATA1 which will remain tri-stated as
long as CS is high.
Intel processors utilize least significant bit first
transmission
while
Motorola/National
processors
employ most significant bit first transmission. The
MT91L60/61
microport
automatically
accommodates these two schemes for normal data
bytes. However, to ensure decoding of the R/W and
Figure 3 - Audio Gain Partitioning
Serial
Port
Filter/Codec and Transducer Interface
Handset
Receiver
(150
Ω)
PCM
Receive
Filter Gain
0 to -7 dB
(1 dB steps)
Side-tone
-9.96 to
+9. 96 dB
-11 dB
(3.32 dB steps)
-6 dB
Receiver
Driver
-6.0 dB or
0 dB
HSPKR +
HSPKR -
75
Ω
Internal To Device
External To Device
Default Bypass
M+
M
-
Transmit
Gain
6.37 dB
Transmit Gain
-0.37 dB or 8.93 dB
Gain
0 to +7 dB
PCM
Transmitter
Microphone
Din
Dout
Transmit Filter
Gain
0 to +7 dB
(1 dB steps)
75
Ω
Decoder
Encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com