Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 12Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 13Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 14Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 15Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 16Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 17Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 18Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 19Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MT91L60/61
Advance Information
16
CEn
When high, data written into the C-Channel register (address 05h) is transmitted during channel 1 on DSTo. When
low, the channel 1 timeslot is tri-stated on DSTo. Channel 1 data received on DSTi is read via the C-Channel
register (address 05h) regardless of the state of CEn. This control bit has significance only for ST-BUS operation
and is ignored for SSI operation.
DEn
When high, data written into the D-Channel Register (address 06h) is transmitted (2 bits/frame) during channel 0
on DSTo. The remaining six bits of the D-Channel carry no information. When low, the channel 0 timeslot is
completely tri-stated on DSTo. Channel 0 data received on DSTi is read via the D-Channel register regardless of
the state of DEN. This control bit has significance only for ST-BUS mode and is ignored for SSI operation.
D8
When high, D-channel operates at 8kb/s. When low, D-channel operates at 16kb/s (default).
A/
µ
When high, A-Law encoding/decoding is selected for the MT91L60/61. When low,
µ-Law encoding/decoding is
selected.
Smag/ITU-T
When high, sign-magnitude code assignment is selected for the Codec input/output. When low, ITU-T code
assignment is selected for the Codec input/output; true sign, inverted magnitude (
µ-Law) or true sign, alternate
digit inversion (A-Law).
CSL2
CSL1
CSL0
Bit Clock rate (kHz)
CLOCKin (kHz)
Mode
1
1
1
N/A
4096
ST-BUS
1
0
0
128
4096
SSI
1
0
1
256
4096
SSI
0
0
0
512
512
SSI
0
0
1
1536
1536
SSI
0
1
0
2048
2048
SSI (default)
0
1
1
4096
4096
SSI
Control Register 2
ADDRESS = 04h WRITE/READ VERIFY
Power Reset Value
0000 0010
76543210
CEn
DEn
CSL1
CSL0
D8
A/
µ
CSL2
Smag/
ITU-T
Note: Bits marked "-" are reserved bits and should be written with logic "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com