Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT91L60AS Datasheet HTML 1Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 2Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 3Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 4Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 5Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 6Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 7Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 8Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Features
•
Single 2.7-3.6 volt supply operation
•
MT91L61 version features a delayed framing
pulse in SSI and ST-BUS modes to facilitate
cascaded devices
•
Programmable
µ-Law/A-Law Codec and Filters
•
Programmable ITU-T (G.711)/sign-magnitude
coding
•
Programmable transmit, receive and side-tone
gains
•
Fully differential interface to handset
transducers - including 300 ohm receiver driver
•
Flexible digital interface including ST-BUS/SSI
•
Serial microport
•
Low power operation
•
ITU-T G.714 compliant
•
Multiple power down modes
Applications
•
Battery operated equipment
•
Digital telephone sets
•
Cellular radio sets
•
Local area communications stations
•
Pair Gain Systems
•
Line cards
Description
The
MT91L60/61
3V
Multi-featured
Codec
incorporates a built-in Filter/Codec, gain control and
programmable sidetone path as well as on-chip
anti-alias filters, reference voltage and bias source.
The device supports both ITU-T and sign- magnitude
A-Law and
µ-Law requirements. The MT91L60/61 is
a true 3V device employing a fully differential
architecture to ensure wide dynamic range.
Complete telephony interfaces are provided for
connection to handset transducers. Internal register
access is provided through a serial microport
compatible
with
various
industry
standard
micro-controllers.
The MT91L60/61 is fabricated in Mitel's ISO2-CMOS
technology ensuring low power consumption and
high reliability.
Ordering Information
MT91L61AE
24 Pin Plastic DIP (600 mil)
MT91L60AE
24 Pin Plastic DIP (600 mil)
MT91L61AS
24 Pin SOIC
MT91L60AS
20 Pin SOIC
MT91L61AN
24 Pin SSOP
MT91L60AN
20 Pin SSOP
-40
°C to +85°C
Figure 1 - Functional Block Diagram
M -
M +
HSPKR +
HSPKR -
FILTER/CODEC GAIN
ENCODER
DECODER
7dB
-7dB
Transducer
Interface
Flexible
Digital
Interface
Timing
ST-BUS
C & D
Channels
Serial Microport
A/
µ/IRQ
VSSD
VDD
VSSA
VBias
VRef
Din
Dout
STB/F0i
CLOCKin
PWRST
IC
CS
DATA1
DATA2
SCLK
STBd/FOod
(MT91L61only)
DS5224
ISSUE 3
August 1999
MT91L60/61
3 Volt Multi-Featured Codec (MFC)
ISO2-CMOS
Advance Information


Similar Part No. - MT91L60AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91L60AS MITEL-MT91L60AS Datasheet
166Kb / 20P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L60AS ZARLINK-MT91L60AS Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
MT91L60ASR ZARLINK-MT91L60ASR Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT91L60AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
ISO2-CMOS Integrated PCM Filter Codec
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
ISO2-CMOS 5 Volt Single Rail Codec
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
ISO2-CMOS 3 Volt Single Rail Codec
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
3 Volt Single Rail Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com