Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 3Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 4Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 5Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 6Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 7Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 8Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 10Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Advance Information
MT91L60/61
7
When 0, D-Channel data is shifted at the rate of 2
bits/frame (16 kb/s default).
16 kb/s D-Channel operation is the default mode
which allows the microprocessor access to a full byte
of D-Channel information every fourth ST-BUS
frame. By arbitrarily assigning ST-BUS frame n as
the
reference
frame,
during
which
the
microprocessor D-Channel read and write operations
are performed, then:
Figure 4 - Serial Port Relative Timing for Intel Mode 0
Figure 5 - Serial Port Relative Timing for Motorola Mode 00/National Microwire
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
XX
A2
A1
A0
R/W
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Œ
Delays due to internal processor timing which are transparent.
y
The MT91L60/L61:latches received data on the rising edge of SCLK.
Ž
The falling edge of CS indicates that a COMMAND/ADDRESS byte will be transmitted from the microprocessor. The

A new COMMAND/ADDRESS byte may be loaded only by CS cycling high then low again.

The COMMAND/ADDRESS byte contains:
Œ
Ž


Œ
y
Ž

COMMAND/ADDRESS
DATA INPUT/OUTPUT
COMMAND/ADDRESS:
DATA 1
RECEIVE
DATA 1
TRANSMIT
SCLK
CS
D7
D0
-outputs transmit data on the falling edge of SCLK.
subsequent byte is always data until terminated via CS returning high.
1 bit - Read/Write
3 bits - Addressing Data
4 bits - Unused
XX
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Œ
Ž

Œ
y
Ž

COMMAND/ADDRESS
DATA INPUT/OUTPUT
COMMAND/ADDRESS:
DATA 2
RECEIVE
DATA 1
TRANSMIT
SCLK
CS
R/WX
A1
A0
X
D7
D0
Œ
Delays due to internal processor timing which are transparent .
Ž
The falling edge of CS indicates that a COMMAND/ADDRESS byte will be transmitted from the microprocessor. The

A new COMMAND/ADDRESS byte may be loaded only by CS cycling high then low again.

The COMMAND/ADDRESS byte contains:
subsequent byte is always data until terminated via CS returning high.
1 bit - Read/Write
3 bits - Addressing Data
4 bits - Unused

y
The MT91L60/L61: latches received data on the rising edge of SCLK.
-outputs transmit data on the falling edge of SCLK.
XX
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com