Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT91L60AS Datasheet HTML 1Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 2Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 3Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 4Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 5Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 6Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 7Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 8Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Advance Information
MT91L60/61
3
13
15
STB/F0i Data Strobe/Frame Pulse (Input). For SSI mode this input determines the 8 bit
timeslot used by the device for both transmit and receive data. This active high
signal has a repetition rate of 8 kHz. Standard frame pulse definitions apply in
ST-BUS mode. CMOS level compatible input.
16
STBd/
F0od
(MT91L61
only)
Delayed Frame Pulse Output. In SSI mode, an 8 bit wide strobe is output after the
first strobe goes low. In ST-BUS mode, a frame pulse is output after 4 channel
timeslots.
14
17
CLOCKin Clock (Input). The clock provided to this input pin is used for the internal device
functions. For SSI mode connect the bit clock to this pin when it is 512 kHz or
greater. Connect a 4096 kHz clock to this input when the available bit clock is 128
kHz or 256 kHz. For ST-BUS mode connect C4i to this pin. CMOS level compatible.
15
18
VDD
Positive Power Supply (Input). Nominally 3 volts.
16
19
HSPKR- Inverting Handset Speaker (Output). Output to the handset speaker (balanced).
17
20
HSPKR+ Non-Inverting Handset Speaker (Output). Output to the handset speaker
(balanced).
18
22
VSSA
Analog Ground (Input). Nominally 0 volts.
19
23
M-
Inverting Microphone (Input). Inverting input to microphone amplifier from the
handset microphone.
20
24
M+
Non-Inverting Microphone (Input). Non-inverting input to microphone amplifier
from the handset microphone.
3,9,
16,21
NC
No Connect. (24 Packages only). Pin 16 is NC for MT91L60.
Pin Description (continued)
Pin #
20 Pin
24 Pin
Name
Description
Overview
The
3V
Multi-featured
Codec
(MFC)
features
complete
Analog/Digital
and
Digital/Analog
conversion of audio signals (Filter/Codec) and an
analog interface to a standard handset transmitter
and receiver (Transducer Interface). The receiver
amplifier is capable of driving a 300 ohm load.
Each of the programmable parameters within the
functional blocks is accessed through a serial
microcontroller port compatible with Intel MCS-51®,
Motorola
SPI®
and
National
Semiconductor
Microwire®
specifications.
These
parameters
include: gain control, power down, mute, B-Channel
select (ST-BUS mode), C&D channel control/access,
law
control,
digital
interface
programming
and
loopback. Optionally the device may be used in a
controllerless mode utilizing the power-on default
settings.
Functional Description
Filter/Codec
The Filter/Codec block implements conversion of the
analog 0-3.3 kHz speech signals to/from the digital
domain compatible with 64 kb/s PCM B-Channels.
Selection of companding curves and digital code
assignment are programmable. These are ITU-T
G.711 A-law or
µ-Law, with true-sign/Alternate Digit
Inversion or true-sign/Inverted Magnitude coding,
respectively. Optionally, sign-magnitude coding may
also be selected for proprietary applications.
The Filter/Codec block also implements transmit and
receive audio path gains in the analog domain. A
programmable gain, voice side-tone path is also
included to provide proportional transmit speech
feedback to the handset receiver. This side tone path
feature is disabled by default. Figure 3 depicts the
nominal half-channel and side-tone gains for the
MT91L60/61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com