Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 20Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 21Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 22Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 23Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 24Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 25Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 26Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 27Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 28Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MT91L60/61
Advance Information
24
† Timing is over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Note 1:
Not production tested, guaranteed by design.
AC Electrical Characteristics† - SSI BUS Synchronous Timing (see Figure 12)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
BCL Clock Period
tBCL
244
1953
ns
BCL=4096 kHz to 512 kHz
2
BCL Pulse Width High
tBCLH
115
122
ns
BCL=4096 kHz
3
BCL Pulse Width Low
tBCLL
122
ns
BCL=4096 kHz
4
BCL Rise/Fall Time
tR/tF
20
ns
Note 1
5
Strobe Pulse Width
tENW
8 x tBCL
ns
Note 1
6
Delayed Strobe Pulse Width
tENWD
8 x tBCL
ns
Note 1
7
Strobe setup time before BCL falling
tSSS
70
tBCL-80
ns
8
Strobe hold time after BCL falling
tSSH
80
tBCL-80
ns
9
Delayed Strobe Pulse delay after BCL
rising
tDSTBR
55
ns
Note 1
10 Delayed Strobe Pulse hold time after
BCL rising
tDSTBF
55
ns
Note 1
11 Dout High Impedance to Active Low
from Strobe rising
tDOZL
55
ns
CL=50 pF, RL=1K
12 Dout High Impedance to Active High
from Strobe rising
tDOZH
55
ns
CL=50 pF, RL=1K
13 Dout Active Low to High Impedance
from Strobe falling
tDOLZ
90
ns
CL=50 pF, RL=1K
14 Dout Active High to High Impedance
from Strobe falling
tDOHZ
90
ns
CL=50 pF, RL=1K
15 Dout Delay (high and low) from BCL
rising
tDD
80
ns
CL=50 pF, RL=1K
16 Din Setup time before BCL falling
tDIS
10
ns
17 Din Hold Time from BCL falling
tDIH
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com