Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 28 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 28 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 24Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 25Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 26Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 27Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 28Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 29Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 30Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 31Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 32Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package Outlines
Small Shrink Outline Package (SSOP) - N Suffix
Pin 1
A1
B
e
D
E
A
L
H
C
A2
Dim
20-Pin
24-Pin
28-Pin
48-Pin
Min
Max
Min
Max
Min
Max
Min
Max
A
0.079
(2)
-
0.079
(2)
0.079
(2)
0.095
(2.41)
0.110
(2.79)
A1
0.002
(0.05)
0.002
(0.05)
0.002
(0.05)
0.008
(0.2)
0.016
(0.406)
B
0.0087
(0.22)
0.013
(0.33)
0.0087
(0.22)
0.013
(0.33)
0.0087
(0.22)
0.013
(0.33)
0.008
(0.2)
0.0135
(0.342)
C
0.008
(0.21)
0.008
(0.21)
0.008
(0.21)
0.010
(0.25)
D
0.27
(6.9)
0.295
(7.5)
0.31
(7.9)
0.33
(8.5)
0.39
(9.9)
0.42
(10.5)
0.62
(15.75)
0.63
(16.00)
E
0.2
(5.0)
0.22
(5.6)
0.2
(5.0)
0.22
(5.6)
0.2
(5.0)
0.22
(5.6)
0.291
(7.39)
0.299
(7.59)
e
0.025 BSC
(0.635 BSC)
0.025 BSC
(0.635 BSC)
0.025 BSC
(0.635 BSC)
0.025 BSC
(0.635 BSC)
A2
0.065
(1.65)
0.073
(1.85)
0.065
(1.65)
0.073
(1.85)
0.065
(1.65)
0.073
(1.85)
0.089
(2.26)
0.099
(2.52)
H
0.29
(7.4)
0.32
(8.2)
0.29
(7.4)
0.32
(8.2)
0.29
(7.4)
0.32
(8.2)
0.395
(10.03)
0.42
(10.67)
L
0.022
(0.55)
0.037
(0.95)
0.022
(0.55)
0.037
(0.95)
0.022
(0.55)
0.037
(0.95)
0.02
(0.51)
0.04
(1.02)
Notes:
1) Not to scale
2) Dimensions in inches
3) (Dimensions in millimeters)
4) Ref. JEDEC Standard M0-150/M0118 for 48 Pin
5) A & B Maximum dimensions include allowable mold flash
General-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com