Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 1 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 1 Page - Intel Corporation

  LXT351 Datasheet HTML 1Page - Intel Corporation LXT351 Datasheet HTML 2Page - Intel Corporation LXT351 Datasheet HTML 3Page - Intel Corporation LXT351 Datasheet HTML 4Page - Intel Corporation LXT351 Datasheet HTML 5Page - Intel Corporation LXT351 Datasheet HTML 6Page - Intel Corporation LXT351 Datasheet HTML 7Page - Intel Corporation LXT351 Datasheet HTML 8Page - Intel Corporation LXT351 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LXT351
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
Datasheet
The LXT351 is a full-featured, fully-integrated transceiver for T1 and E1 short-haul
applications. The LXT351 is software switchable between T1 and E1 operation, and offers pulse
equalization settings for all short-haul T1 and E1 line interface (LIU) applications.
The LXT351 offers an Intel/Motorola compatible parallel port for microprocessor control. The
device incorporates advanced crystal-less digital jitter attenuation in either the transmit or
receive data path starting at 3 Hz. B8ZS/HDB3 encoding/decoding and unipolar or bipolar data
I/O are selectable. Loss of signal monitoring and a variety of diagnostic loopback modes can
also be selected.
Applications
Product Features
s
SONET/SDH tributary interfaces
s
Digital cross connects
s
Public/private switching trunk line
interfaces
s
Microwave transmission systems
s
Fully integrated transceivers for Short-Haul
T1 or E1 interfaces
s
Crystal-less digital jitter attenuation
— Select either transmit or receive path
— No crystal or high speed external clock
required
s
Meet or exceed specifications in ANSI
T1.403 and T1.408; ITU I.431, G.703,
G.736, G.775 and G.823; ETSI 300-166
and 300-233; and AT&T Pub 62411
s
Supports 75
Ω (E1 coax), 100 Ω (T1
twisted-pair) and 120
Ω (E1 twisted-pair)
applications
s
Fully restores the received signal after
transmission through a cable with
attenuation of 18dB, at 1024 kHz
s
Five pulse equalization settings for T1
short-haul applications
s
Transmit/receive performance monitors
with Driver Fail Monitor Open (DFM) and
Loss of Signal (LOS) outputs
s
Selectable unipolar or bipolar data I/O and
B8ZS/HDB3 encoding/decoding
s
QRSS generator/detector for testing or
monitoring
s
Output short circuit current limit protection
s
Local, remote and analog loopback
capability
s
Compatible with Intel’s LXT360/361 T1/
E1 long haul/short haul transceiver
(Universal LIU)
s
Multiple register parallel interface
compatible with both Intel and Motorola
microprocessors
s
Available in 28-pin PLCC and 44-pin
PQFP packages
As of January 15, 2001, this document replaces the Level One document
Order Number: 249030-001
LXT351 — Integrated T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation.
January 2001


Similar Part No. - LXT351

ManufacturerPart #DatasheetDescription
logo
Level One
LXT350 LVL1-LXT350 Datasheet
1Mb / 44P
Integrated T1/E1 S/H Transceivers With Crystal-less Jitter Attenuation
logo
Pulse A Technitrol Comp...
LXT350 PULSE-LXT350 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Level One
LXT350QE LVL1-LXT350QE Datasheet
1Mb / 44P
Integrated T1/E1 S/H Transceivers With Crystal-less Jitter Attenuation
More results

Similar Description - LXT351

ManufacturerPart #DatasheetDescription
logo
Level One
LXT350 LVL1-LXT350 Datasheet
1Mb / 44P
Integrated T1/E1 S/H Transceivers With Crystal-less Jitter Attenuation
logo
Integrated Device Techn...
IDT82P2281 IDT-IDT82P2281 Datasheet
2Mb / 375P
Single T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282 Datasheet
2Mb / 383P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282_09 Datasheet
2Mb / 381P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2282 RENESAS-IDT82P2282 Datasheet
2Mb / 382P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
August 20, 2009
IDT82P2284 RENESAS-IDT82P2284 Datasheet
2Mb / 364P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
February 25, 2008
IDT82P2288 RENESAS-IDT82P2288 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
JANUARY 10, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com