Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 5 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 5 Page - Intel Corporation

  LXT351 Datasheet HTML 1Page - Intel Corporation LXT351 Datasheet HTML 2Page - Intel Corporation LXT351 Datasheet HTML 3Page - Intel Corporation LXT351 Datasheet HTML 4Page - Intel Corporation LXT351 Datasheet HTML 5Page - Intel Corporation LXT351 Datasheet HTML 6Page - Intel Corporation LXT351 Datasheet HTML 7Page - Intel Corporation LXT351 Datasheet HTML 8Page - Intel Corporation LXT351 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Datasheet
5
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation — LXT351
Tables
1
LXT351 Clock and Data Pin Assignments by Mode1............................................ 9
2
LXT351 Processor Interface Pins.......................................................................... 9
3
LXT351 Signal Descriptions ................................................................................ 10
4
Diagnostic Mode Summary ................................................................................. 16
5
Register Addresses ............................................................................................. 24
6
Register and Bit Summary ..................................................................................24
7
Control Register #1 Read/Write, Address (A7-A0) = x010000x .......................... 25
8
Equalizer Control Input Settings......................................................................... 25
9
Control Register #2 Read/Write, Address (A7-A0) = x010001x .......................... 25
10
Control Register #3 Read/Write, Address (A7-A0) = x010010x .......................... 26
11
Interrupt Clear Register Read/Write, Address (A7-A0) = x010011x.................... 26
12
Transition Status Register Read Only, Address (A7-A0) = x010100x................. 27
13
Performance Status Register Read Only, Address (A7-A0) = x010101x ............ 27
14
Control Register #4 Read/Write, Address (A7-A0) = x010111x .......................... 28
15
E1 Transmit Return Loss Requirements ............................................................. 29
16
Transmit Return Loss (2.048 Mbps).................................................................... 30
17
Transmit Return Loss (1.544 Mbps).................................................................... 30
18
Transformer Specifications..................................................................................30
19
Recommended Transformers.............................................................................. 31
20
Absolute Maximum Ratings................................................................................. 33
21
Recommended Operating Conditions ................................................................. 33
22
DC Electrical Characteristics............................................................................... 34
23
Analog Characteristics ........................................................................................ 34
24
2.048 Mbps E1 Pulse Mask Specifications ........................................................ 35
25
1.544 Mbps T1, DSX-1 Pulse Mask Corner Point Specifications........................36
26
Master and Transmit Clock Timing Characteristics for T1 Operation
(See Figure 14) ................................................................................................... 37
27
Master and Transmit Clock Timing Characteristics for E1 Operation
(See Figure 14) ................................................................................................... 37
28
Receive Timing Characteristics for T1 Operation (See Figure 15)...................... 38
29
Receive Timing Characteristics for E1 Operation (See Figure 15) ..................... 38
30
20 MHz Intel Bus Parallel I/O Timing Characteristics (See Figure 16)................ 39
31
16.78 MHz Motorola Bus Parallel I/O Timing Characteristics (See Figure 17) ... 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com