Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 25Page - Intel Corporation LXT351 Datasheet HTML 26Page - Intel Corporation LXT351 Datasheet HTML 27Page - Intel Corporation LXT351 Datasheet HTML 28Page - Intel Corporation LXT351 Datasheet HTML 29Page - Intel Corporation LXT351 Datasheet HTML 30Page - Intel Corporation LXT351 Datasheet HTML 31Page - Intel Corporation LXT351 Datasheet HTML 32Page - Intel Corporation LXT351 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation — LXT351
Datasheet
29
4.0
Application Information
4.1
Transmit Return Loss
Table 15 shows the specification for transmit return loss in E1 applications. The G.703/CH PTT
specification is a Swiss Telecommunications Ministry specification.
Table 16 and Table 17 show the transmit return loss values for E1 and T1 applications.
4.2
Transformer Data
Specifications for transformers are listed in Table 18. A list of transformers recommended for use
with the LXT351 are specified in Table 19.
4.3
Application Circuit
Figure 11 shows a typical LXT351 application.
4.4
Line Protection
On the receive side, 1 k
Ω series resistors protect the receiver against current surges coupled into
the device. Due to the high receiver impedance (40 k
Ω typical) the resistors do not affect the
receiver sensitivity. On the transmit side, Schottky diodes D1-D4 protect the output driver. While
not mandatory for normal operation, these protection elements are strongly recommended to
improve the design robustness
Table 15. E1 Transmit Return Loss Requirements
Frequency Band
Return Loss
ETS 300 166
G.703/CH PTT
51-102 kHz
6 dB
8 dB
102-2048 kHz
8 dB
14 dB
2048 - 3072 kHz
8 dB
10 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com