Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 36 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 36 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 32Page - Intel Corporation LXT351 Datasheet HTML 33Page - Intel Corporation LXT351 Datasheet HTML 34Page - Intel Corporation LXT351 Datasheet HTML 35Page - Intel Corporation LXT351 Datasheet HTML 36Page - Intel Corporation LXT351 Datasheet HTML 37Page - Intel Corporation LXT351 Datasheet HTML 38Page - Intel Corporation LXT351 Datasheet HTML 39Page - Intel Corporation LXT351 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
LXT351 — T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
36
Datasheet
0
Figure 13. 1.544 Mbps T1 Pulse, DSX-1 (See Table 25)
Table 25. 1.544 Mbps T1, DSX-1 Pulse Mask Corner Point Specifications
DSX-1 Template (per ANSI T1. 102-1993)
Minimum Curve
Maximum Curve
Time (UI)
Amplitude
Time (UI)
Amplitude
-0.77
-0.05
-0.77
0.05
-0.23
-0.05
-0.39
0.05
-0.23
0.50
-0.27
0.80
-0.15
0.95
-0.27
1.15
0.0
0.95
-0.12
1.15
0.15
0.90
0.0
1.05
0.23
0.50
0.27
1.05
0.23
-0.45
0.35
-0.07
0.46
-0.45
0.93
0.05
0.66
-0.20
1.16
0.05
0.93
-0.05
-
-
1.16
-0.05
-
-
1.5
Time
(in Unit Intervals)
0.5
1.0
-0.5
Normalized Amplitude
0.0
0.5
1.0
1.5
-0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com