Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 41 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 41 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 37Page - Intel Corporation LXT351 Datasheet HTML 38Page - Intel Corporation LXT351 Datasheet HTML 39Page - Intel Corporation LXT351 Datasheet HTML 40Page - Intel Corporation LXT351 Datasheet HTML 41Page - Intel Corporation LXT351 Datasheet HTML 42Page - Intel Corporation LXT351 Datasheet HTML 43Page - Intel Corporation LXT351 Datasheet HTML 44Page - Intel Corporation LXT351 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation — LXT351
Datasheet
41
Figure 17. Motorola Address/Data Bus Timing
Figure 18. Typical T1 Jitter Tolerance at 36 dB
TDXDSH
TCSLDSL
TDSHCSH
TAVASL
TASLAX
TASLDSL
TDSHASH
TDSLDSH
TRWLDSL
TDVDSH
TDSHRWH
TDSLDV
TDSHDX
CS
AS
DS
R/W_Read
AD0-7_Read
R/W_Write
AD0-7_Write
TASHASL
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
.1 UI
1UI
10 UI
100 UI
1000 UI
138 UI
0.4 UI
28 UI
Pub 62411
0.6 UI
@10 kHz
500 UI
@10Hz
Jitter
Typical Jitter Tolerance
Loop Mode
Dec 1990
LXT351 Device
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com