Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 4 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 4 Page - Intel Corporation

  LXT351 Datasheet HTML 1Page - Intel Corporation LXT351 Datasheet HTML 2Page - Intel Corporation LXT351 Datasheet HTML 3Page - Intel Corporation LXT351 Datasheet HTML 4Page - Intel Corporation LXT351 Datasheet HTML 5Page - Intel Corporation LXT351 Datasheet HTML 6Page - Intel Corporation LXT351 Datasheet HTML 7Page - Intel Corporation LXT351 Datasheet HTML 8Page - Intel Corporation LXT351 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
LXT351 — T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
4
Datasheet
5.0
Test Specifications.................................................................................................. 33
6.0
Mechanical Specifications ................................................................................... 45
Figures
1
LXT351 Block Diagram ......................................................................................... 7
2
LXT351 Pin Assignments...................................................................................... 8
3
50% Duty Cycle Coding ...................................................................................... 14
4
Local Loopback ................................................................................................... 16
5
TAOS with LLOOP .............................................................................................. 17
6
Analog Loopback ................................................................................................ 18
7
Remote Loopback ............................................................................................... 19
8
Dual Loopback .................................................................................................... 19
9
TAOS Data Path ................................................................................................. 20
10
QRSS Mode ........................................................................................................ 20
11
Typical T1/E1 LXT351 Application ...................................................................... 32
12
2.048 Mbps E1 Pulse (See Table 24)................................................................. 35
13
1.544 Mbps T1 Pulse, DSX-1 (See Table 25) ..................................................... 36
14
Transmit Clock Timing ........................................................................................ 37
15
Receive Clock Timing ......................................................................................... 38
16
Intel Address/Data Bus Timing............................................................................ 40
17
Motorola Address/Data Bus Timing .................................................................... 41
18
Typical T1 Jitter Tolerance at 36 dB ................................................................... 41
19
Typical E1 Jitter Tolerance at 43 dB ................................................................... 42
20
Typical E1 Jitter Attenuation ............................................................................... 43
21
Typical T1 Jitter Attenuation................................................................................ 44
22
Plastic Leaded Chip Carrier Package Specifications .......................................... 45
23
Plastic Quad Flat Package Specifications........................................................... 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com