Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 10Page - Intel Corporation LXT351 Datasheet HTML 11Page - Intel Corporation LXT351 Datasheet HTML 12Page - Intel Corporation LXT351 Datasheet HTML 13Page - Intel Corporation LXT351 Datasheet HTML 14Page - Intel Corporation LXT351 Datasheet HTML 15Page - Intel Corporation LXT351 Datasheet HTML 16Page - Intel Corporation LXT351 Datasheet HTML 17Page - Intel Corporation LXT351 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
LXT351 — T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
14
Datasheet
2.2.2
Transmit Monitoring
The transmitter includes a short circuit limiter that limits the current sourced into a low impedance
load. The limiter automatically resets when the load current drops below the limit. The current is
determined by the interface circuitry (total resistance on transmit side).
The Performance Status Register (PSR) flags open circuits in bit PSR.DFMO. A transition of
DFMO can provide an interrupt, and its transition sets bit TSR.DFMO = 1. Writing a 1 in bit
ICR.CDFMO clears the interrupt; leaving a 1 in the bit masks that interrupt.
2.2.3
Transmit Drivers
The transceiver transmits data as a 50% line code as shown in Figure 3. To reduce power
consumption, the line driver is active only during transmission of marks, and is disabled during
transmission of spaces. Biasing of the transmit DC level is on-chip.
2.2.4
Transmit Idle Mode
Transmit Idle mode allows multiple transceivers to be connected to a single line for redundant
applications. When TCLK is not present, Transmit Idle mode becomes active, and TTIP and
TRING change to the high impedance state. Remote or Dual Loopback, TAOS or any internal
transmit patterns temporarily disable the high impedance state.
2.2.5
Transmit Pulse Shape
As shown in Table 8 on page 25, the transmitted pulse shape is established by bits EC1 through
EC3 of Control Register #1 (CR1).
The transceiver produces DSX-1 pulses for short-haul T1 applications (settings from 0 dB to +6.0
dB of cable) or G.703 pulses for E1 applications. Shaped pulses are applied to the AMI line driver
for transmission onto the line at TTIP and TRING. Refer to the Test Specifications section for
pulse mask specifications.
Figure 3. 50% Duty Cycle Coding
10
1
Bit Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com