Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 45 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 45 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 38Page - Intel Corporation LXT351 Datasheet HTML 39Page - Intel Corporation LXT351 Datasheet HTML 40Page - Intel Corporation LXT351 Datasheet HTML 41Page - Intel Corporation LXT351 Datasheet HTML 42Page - Intel Corporation LXT351 Datasheet HTML 43Page - Intel Corporation LXT351 Datasheet HTML 44Page - Intel Corporation LXT351 Datasheet HTML 45Page - Intel Corporation LXT351 Datasheet HTML 46Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation — LXT351
Datasheet
45
6.0
Mechanical Specifications
Figure 22. Plastic Leaded Chip Carrier Package Specifications
A
2
A
D
F
A
1
C
B
D
1
D
CL
Dim
Inches
Millimeters
Min
Max
Min
Max
A
0.165
0.180
4.191
4.572
A1
0.090
0.120
2.286
3.048
A2
0.062
0.083
1.575
2.108
B
.050 BSC1 (nominal)
1.27 BSC1 (nominal)
C
0.026
0.032
0.660
0.813
D
0.485
0.495
12.319
12.573
D1
0.450
0.456
11.430
11.582
F
0.013
0.021
0.330
0.533
1. BSC—Basic Spacing between Centers.
28-Pin PLCC
• Part Number LXT351PE
• Extended Temperature Range (-40 °C to 85 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com