Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 24 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 24 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 20Page - Intel Corporation LXT351 Datasheet HTML 21Page - Intel Corporation LXT351 Datasheet HTML 22Page - Intel Corporation LXT351 Datasheet HTML 23Page - Intel Corporation LXT351 Datasheet HTML 24Page - Intel Corporation LXT351 Datasheet HTML 25Page - Intel Corporation LXT351 Datasheet HTML 26Page - Intel Corporation LXT351 Datasheet HTML 27Page - Intel Corporation LXT351 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
LXT351 — T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
24
Datasheet
3.0
Register Definitions
The LXT351 contains five read/write and two read-only registers that are accessible via the parallel
port. Table 5 lists the LXT351 register addresses. Only bits A6 through A1 of the address byte are
valid (the address decoder ignores bits A7 and A0) while A0 functions as the read/write (R/W) bit.
Table 6 identifies the name of each register bit. Table 7 through Table 14 describe the function of
the bits in each register.
Note that upon power-up or reset, all registers are cleared to 0.
Table 5.
Register Addresses
Register
Address1, 2
A7 - A1
Name
Abbr
Control #1
CR1
x010000
Control #2
CR2
x010001
Control #3
CR3
x010010
Interrupt Clear
ICR
x010011
Transition Status
TSR
x010100
Performance Status
PSR
x010101
Control #4
CR4
x010111
1. x = don’t care
2. Address A0 is the read/write (R/W) bit.
Table 6.
Register and Bit Summary
Register
Bit
Name
Type
765
4
3
2
1
0
Control #1
CR1
R/W
JASEL1
JASEL0
ENCENB
UNIENB
reserved1
EC3
EC2
EC1
Control #2
CR2
R/W
RESET
EPAT1
EPAT0
ETAOS
reserved1
EALOOP
ELLOOP
ERLOOP
Control #3
CR3
R/W
JA6HZ
reserved1
SBIST
EQZMON
reserved1
ES64
ESCEN
ESJAM
Interrupt Clear
ICR
R/W
CESU
CESO
CDFMO
reserved2
CQRSS
CAIS
reserved2
CLOS
Transition
Status
TSR
R
ESUNF
ESOVR
TDFMO
reserved1
TQRSS
TAIS
reserved1
TLOS
Performance
Status
PSR
R
reserved1
BIST
DFMO
reserved1
QRSS
AIS
reserved1
LOS
Control #4
CR4
R/W
reserved1
reserved1
reserved1
reserved1
COL32CM
LOS2048
ZEROV
CODEV
1. In writable registers, bits labeled reserved should be set to 0 (except as in note 2 below) for normal operation and ignored in
read only registers.
2. Write a 1 to this bit for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com