Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 32 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 32 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 28Page - Intel Corporation LXT351 Datasheet HTML 29Page - Intel Corporation LXT351 Datasheet HTML 30Page - Intel Corporation LXT351 Datasheet HTML 31Page - Intel Corporation LXT351 Datasheet HTML 32Page - Intel Corporation LXT351 Datasheet HTML 33Page - Intel Corporation LXT351 Datasheet HTML 34Page - Intel Corporation LXT351 Datasheet HTML 35Page - Intel Corporation LXT351 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
LXT351 — T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
32
Datasheet
Figure 11. Typical T1/E1 LXT351 Application
MCLK
TTIP
TRING
RTIP
RRING
TCLK
TPOS
TNEG
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG
RCLK
RPOS
RNEG
T1/E1
Framer
µP
(Intel or
Motorola)
2.048 MHz/
1.544 MHz
LXT351
Rt1
Rt1
1:1
TVCC
VCC
TGND
GND
68
µF
0.1
µF
AD0-7
INT
CS
WR/R/W
RD/DS
ALE/AS
VCC
22 k
Ω
CL1
RL2
1:21
NOTES:
1. See Table 16 and Table 17 for CL, Rt and Transformer selection.
2. RL = 100
Ω for T1
RL = 120
Ω for E1/120 Ω twisted pair
RL = 75
Ω for E1/75 Ω coax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com