Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 23 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 23 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 19Page - Intel Corporation LXT351 Datasheet HTML 20Page - Intel Corporation LXT351 Datasheet HTML 21Page - Intel Corporation LXT351 Datasheet HTML 22Page - Intel Corporation LXT351 Datasheet HTML 23Page - Intel Corporation LXT351 Datasheet HTML 24Page - Intel Corporation LXT351 Datasheet HTML 25Page - Intel Corporation LXT351 Datasheet HTML 26Page - Intel Corporation LXT351 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation — LXT351
Datasheet
23
2.5.4.5
Built-In Self Test
LXT351 provides a Built-In Self Test (BIST) capability. The BIST exercises the internal circuits by
providing an internal QRSS pattern, running it through the encoders and the transmit drivers then
looping it back through the receive equalizer, jitter attenuator and decoders to the QRSS pattern
detection circuitry. If all the blocks in this data path function correctly, the receive pattern detector
locks onto the pattern. It then pulls INT Low and sets the following bits:
• TSR.TQRSS = 1
• PSR.QRSS = 1
• PSR.BIST = 1
Note that during BIST, the TPOS/TNEG inputs must remain at logic level = 0
The most reliable test will result when a separate TCLK and MCLK are applied.
2.6
Parallel Microprocessor Interface
The LXT351 multiplexed address/data bus and timing/control signals are compatible with both the
Intel and Motorola microprocessors. See Figure 16 and Figure 17 for the I/O timing diagram for
each bus. The LXT351 detects and distinguishes between Intel and Motorola timing and then
automatically selects the appropriate bus timing. The maximum recommended processor speed for
an Intel device is 20 MHz; for a Motorola device, 16.78 MHz. See “Test Specifications” on
page 33 for microprocessor interface timing details.
The LXT351 contains five read/write and two read-only registers for control and status purposes.
Table 6 on page 24 is a summary of the registers. Table 7 through Table 14 identify and explain the
function of the register bits.
2.6.1
Interrupt Handling
The LXT351 provides a latched interrupt output pin (INT). When enabled, a change in any of the
Performance Status Register bits will generate an interrupt. An interrupt can also be generated
when the elastic store overflows (TSR.ESOVR) or underflows (TSR.ESUNF). When an interrupt
occurs, the INT output pin is pulled Low. Note that the output stage of the INT pin has internal
pull-down only. Therefore, each device that shares the INT line requires an external pull-up
resistor.
The interrupt is cleared when the interrupt condition no longer exists, and the host processor writes
a 1 to the respective interrupt causing bit(s) in the Interrupt Clear Register (ICR). Leaving a 1 in
any of the ICR bits masks that interrupt. To re-enable an interrupt bit, write a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com