Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 35Page - Intel Corporation LXT351 Datasheet HTML 36Page - Intel Corporation LXT351 Datasheet HTML 37Page - Intel Corporation LXT351 Datasheet HTML 38Page - Intel Corporation LXT351 Datasheet HTML 39Page - Intel Corporation LXT351 Datasheet HTML 40Page - Intel Corporation LXT351 Datasheet HTML 41Page - Intel Corporation LXT351 Datasheet HTML 42Page - Intel Corporation LXT351 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation — LXT351
Datasheet
39
Table 30. 20 MHz Intel Bus Parallel I/O Timing Characteristics (See Figure 16)
Parameter
Sym
Min
Max
Unit
Test Conditions
ALE pulse width
TLHLL
35
–
ns
Address valid to ALE falling edge
TAVLL
10
–
ns
ALE falling edge to address hold time
TLLAX
10
–
ns
ALE falling edge to RD falling edge
TLLRL
10
–
ns
ALE falling edge to WR falling edge
TLLWL
10
–
ns
CS falling edge to RD falling edge
TCLRL
10
–
ns
CS falling edge to WR falling edge
TCLWL
10
–
ns
RD Low pulse width
TRLRH
95
–
ns
RD falling edge to data valid
TRLDV
10
55
ns
Data hold time after RD rising edge
TRHDX
535
ns
RD rising edge to ALE rising edge
TRHLH
15
–
ns
RD rising edge to address valid
TRHAV
35
–
ns
CS Low hold time after RD rising edge
TRHCH
0
–
ns
WR Low pulse width
TWLWH
95
–
ns
Data setup time before WR rising edge
TDVWH
40
–
ns
Data hold time after WR rising edge
TWHDX
30
–
ns
WR rising edge to ALE rising edge
TWHLH
15
–
ns
CS Low hold time after WR rising edge
TWHCH
15
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com