Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 46 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 46 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 38Page - Intel Corporation LXT351 Datasheet HTML 39Page - Intel Corporation LXT351 Datasheet HTML 40Page - Intel Corporation LXT351 Datasheet HTML 41Page - Intel Corporation LXT351 Datasheet HTML 42Page - Intel Corporation LXT351 Datasheet HTML 43Page - Intel Corporation LXT351 Datasheet HTML 44Page - Intel Corporation LXT351 Datasheet HTML 45Page - Intel Corporation LXT351 Datasheet HTML 46Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
LXT351 — T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
46
Datasheet
Figure 23. Plastic Quad Flat Package Specifications
A
1
A
2
L
A
B
L
1
D
D
1
E
D
3
E
1
E
3
θ
3
θ
3
θ
e
44-Pin PQFP
• Part Number LXT351QE
• Extended Temperature Range (-40 °C to 85 °C)
Dim
Inches
Millimeters
Min
Max
Min
Max
A
–
0.096
–
2.45
A1
0.010
–
0.25
–
A2
0.077
0.083
1.95
2.10
B
0.012
0.018
0.30
0.45
D
0.510
0.530
12.95
13.45
D1
0.390
0.398
9.90
10.10
D3
0.315 BSC1 (nominal)
8.00 BSC1 (nominal)
E
0.510
0.530
12.95
13.45
E1
0.390
0.398
9.90
10.10
E3
0.315 BSC1 (nominal)
8.00 BSC1 (nominal)
e
0.031 BSC1 (nominal)
0.80 BSC1 (nominal)
L
0.029
0.041
0.73
1.03
L1
0.063 BSC1 (nominal)
1.60 BSC1 (nominal)
q3
5°
16
°
5
°
16
°
q0
°
7
°
0
°
7
°
1. BSC—Basic Spacing between Centers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com