Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 33 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 33 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 29Page - Intel Corporation LXT351 Datasheet HTML 30Page - Intel Corporation LXT351 Datasheet HTML 31Page - Intel Corporation LXT351 Datasheet HTML 32Page - Intel Corporation LXT351 Datasheet HTML 33Page - Intel Corporation LXT351 Datasheet HTML 34Page - Intel Corporation LXT351 Datasheet HTML 35Page - Intel Corporation LXT351 Datasheet HTML 36Page - Intel Corporation LXT351 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation — LXT351
Datasheet
33
5.0
Test Specifications
Note:
Table 20 through Table 31 and Figure 12 through Figure 21 represent the performance
specifications of the LXT350/351 and are guaranteed by test except, where noted, by design. The
minimum and maximum values listed in Table 22 through Table 31 are guaranteed over the
recommended operating conditions specified in Table 21.
Table 20. Absolute Maximum Ratings
Parameter
Sym
Min
Max
Unit
DC supply (reference to GND)
VCC, TVCC
–
6.0
V
Input voltage, any pin 1
VIN
GND - 0.3 V
VCC + 0.3 V
V
Input current, any pin 2
IIN
- 10
10
mA
Storage Temperature
TSTG
-65
150
° C
Caution: Exceeding these values may cause permanent damage.
Caution: Functional operation under these conditions is not implied.
Caution: Exposure to maximum rating conditions for extended periods may affect device reliability.
1. TVCC and VCC must not differ by more than 0.3 V during operation. TGND and GND must not differ by more than 0.3 V
during operation.
2. Transient currents of up to 100 mA will not cause SCR latch-up. TTIP, TRING, TVCC, and TGND can withstand continuous
currents of up to 100 mA.
Table 21. Recommended Operating Conditions
Parameter
Sym
Min
Typ1
Max
Unit
Test Conditions
DC supply 2
VCC,TVCC
4.75
5.0
5.25
V
Ambient operating temperature
TA
- 40
25
85
° C
Total power dissipation3
T1
PD
–
310
380
mW
100% mark density
PD
–
225
295
mW
50% mark density
E1
PD
–
275
330
mW
100% mark density
PD
–
215
270
mW
50% mark density
1. Typical figures are at 25° C and are for design aid only; not guaranteed and not subject to production testing.
2. TVCC and VCC must not differ by more than 0.3 V.
3. Power dissipation while driving 75
Ω load over operating range for T1 operation or 60 Ω load for E1 operation. Includes
power dissipation on device and load. Digital levels are within 10% of the supply rails and digital outputs driving a 50 pF
capacitive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com