Electronic Components Datasheet Search
  English  ▼

X  

LXT351 Datasheet(PDF) 28 Page - Intel Corporation

Part # LXT351
Description  T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT351 Datasheet(HTML) 28 Page - Intel Corporation

Back Button LXT351 Datasheet HTML 24Page - Intel Corporation LXT351 Datasheet HTML 25Page - Intel Corporation LXT351 Datasheet HTML 26Page - Intel Corporation LXT351 Datasheet HTML 27Page - Intel Corporation LXT351 Datasheet HTML 28Page - Intel Corporation LXT351 Datasheet HTML 29Page - Intel Corporation LXT351 Datasheet HTML 30Page - Intel Corporation LXT351 Datasheet HTML 31Page - Intel Corporation LXT351 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
LXT351 — T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
28
Datasheet
5DFMO
1 = Driver Failure Monitor Open detected.
0 = Driver Failure Monitor Open not detected.
6BIST
1 = Built-In Self Test passed.
0 = Built-In Self Test did not pass (or was not run).
7
-
Reserved. Ignore.
Table 14. Control Register #4 Read/Write, Address (A7-A0) = x010111x
Bit
Name
Function
0CODEV
1 = Enable detection of HDB3 code violations at the BPV pin along with bipolar violations and Zero
Substitution Violations (if enabled).
0 = Disable detection of HDB3 code violations
1ZEROV
1 = Enable detection of HDB3 Zero Substitution Violations (four consecutive zeros). Note that Zero
Substitution Violations are reported at the BPV pin.
0 = Disable detection of HDB3 Zero Substitution Violations.
2
LOS2048
1 = Set LOS detection threshold to 2048 consecutive zeros.
0 = Set LOS detection threshold to 32 consecutive zeros (for E1 operation) or to 175 consecutive
zeros (for T1 operation).
3
COL32CM
1 = Set LOS clear condition criterion to receipt of 32 consecutive marks (E1 operation).
0 = Set LOS clear condition criterion to 12.5% mark density (E1 operation).
4
-
Reserved. Set to 0 for normal operation, ignore when reading
5
-
Reserved. Set to 0 for normal operation, ignore when reading
6
-
Reserved. Set to 0 for normal operation, ignore when reading
7
-
Reserved. Set to 0 for normal operation, ignore when reading
Table 13. Performance Status Register Read Only, Address (A7-A0) = x010101x
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com