Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 2Page - Dallas Semiconductor DS2143 Datasheet HTML 3Page - Dallas Semiconductor DS2143 Datasheet HTML 4Page - Dallas Semiconductor DS2143 Datasheet HTML 5Page - Dallas Semiconductor DS2143 Datasheet HTML 6Page - Dallas Semiconductor DS2143 Datasheet HTML 7Page - Dallas Semiconductor DS2143 Datasheet HTML 8Page - Dallas Semiconductor DS2143 Datasheet HTML 9Page - Dallas Semiconductor DS2143 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
DS2143/DS2143Q
6 of 44
DS2143 REGISTER MAP
ADDRESS
A7 to A0
HEX
R/W
REGISTER
NAME
00000000
00
R
Bipolar
Violation Count
Register 1.
00000001
01
R
Bipolar
Violation Count
Register 2.
00000010
02
R
CRC4 Count
Register 1.
00000011
03
R
CRC4 Count
Register 2.
00000100
04
R
E-Bit Count
Register 1.
00000101
05
R
E-Bit Count
Register 2.
00000110
06
R/W
Status Register
1.
00000111
07
R/W
Status Register
2.
00001000
08
R/W
Receive
Information
Register.
00011110
1E
R
Synchronizer
Status Register.
00010110
16
R/W
Interrupt Mask
Register 1.
00010111
17
R/W
Interrupt Mask
Register 2.
00010000
10
R/W
Receive Control
Register 1.
00010001
11
R/W
Receive Control
Register 2.
00010010
12
R/W
Transmit Control
Register 1.
00010011
13
R/W
Transmit Control
Register 2.
00010100
14
R/W
Common
Control Register.
00010101
15
R/W
Test Register.
00011000
18
W
LI Control
Register Byte 1.
00011001
19
W
LI Control
Register Byte 2.
00100000
20
R/W
Transmit Align
Frame Register.
ADDRESS
A7 to A0
HEX
R/W
REGISTER
NAME
00100001
21
R/W
Transmit Non-
Align Frame
Register.
00101111
2F
R
Receive Align
Frame Register.
00011111
1F
R
Receive Non-
Align Frame
Register.
00100010
22
R/W
Transmit
Channel
Blocking
Register 1.
00100011
23
R/W
Transmit
Channel
Blocking
Register 2.
00100100
24
R/W
Transmit
Channel
Blocking
Register 3.
00100101
25
R/W
Transmit
Channel
Blocking
Register 4.
00100110
26
R/W
Transmit Idle
Register 1.
00100111
27
R/W
Transmit Idle
Register 2.
00101000
28
R/W
Transmit Idle
Register 3.
00101001
29
R/W
Transmit Idle
Register 4.
00101010
2A
R/W
Transmit Idle
Definition
Register.
00101011
2B
R/W
Receive Channel
Blocking
Register 1.
00101100
2C
R/W
Receive Channel
Blocking
Register 2.
00101101
2D
R/W
Receive Channel
Blocking
Register 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com