Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 10Page - Dallas Semiconductor DS2143 Datasheet HTML 11Page - Dallas Semiconductor DS2143 Datasheet HTML 12Page - Dallas Semiconductor DS2143 Datasheet HTML 13Page - Dallas Semiconductor DS2143 Datasheet HTML 14Page - Dallas Semiconductor DS2143 Datasheet HTML 15Page - Dallas Semiconductor DS2143 Datasheet HTML 16Page - Dallas Semiconductor DS2143 Datasheet HTML 17Page - Dallas Semiconductor DS2143 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
DS2143/DS2143Q
14 of 44
4.0 STATUS AND INFORMATION REGISTERS
There is a set of four registers that contain information on the current real time status of the DS2143:
Status Register 1 (SR1), Status Register 2 (SR2), Receive Information Register (RIR), and Synchronizer
Status Register (SSR). When a particular event has occurred (or is occurring), the appropriate bit in one
of these three registers will be set to a 1. All of the bits in these registers operate in a latched fashion
(except for the SSR). This means that if an event occurs and a bit is set to a 1 in any of the registers, it
will remain set until the user reads that bit. The bit will be cleared when it is read and it will not be set
again until the event has occurred again or if the alarm(s) is still present.
The user will always precede a read of the SR1, SR2, and RIR registers with a write. The byte written to
the register will inform the DS2143 which bits the user wishes to read and have cleared. The user will
write a byte to one of these three registers, with a 1 in the bit positions he or she wishes to read and a 0 in
the bit positions he or she does not wish to obtain the latest information on. When a 1 is written to a bit
location, the read register will be updated with current value and it will be cleared. When a 0 is written to
a bit position, the read register will not be updated and the previous value will be held. A write to the
status and information registers will be immediately followed by a read of the same register. The read
result should be logically AND’ed with the mask byte that was just written and this value should be
written back into the same register to insure that the bit does indeed clear. This second write is necessary
because the alarms and events in the status registers occur asynchronously in respect to their access via
the parallel port. This scheme allows an external microcontroller or microprocessor to individually poll
certain bits without disturbing the other bits in the register. This operation is key in controlling the
DS2143 with higher order software languages.
The SSR register operates differently than the other three. It is a read only register and it reports the status
of the synchronizer in real time. This register is not latched and it is not necessary to precede a read of
this register with a write.
The SR1 and SR2 registers have the unique ability to initiate a hardware interrupt via the INT1 and INT2
pins respectively. Each of the alarms and events in the SR1 and SR2 can be either masked or unmasked
from the interrupt pins via the Interrupt Mask Register 1 (IMR1) and Interrupt Mask Register 2 (IMR2)
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com