Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 13Page - Dallas Semiconductor DS2143 Datasheet HTML 14Page - Dallas Semiconductor DS2143 Datasheet HTML 15Page - Dallas Semiconductor DS2143 Datasheet HTML 16Page - Dallas Semiconductor DS2143 Datasheet HTML 17Page - Dallas Semiconductor DS2143 Datasheet HTML 18Page - Dallas Semiconductor DS2143 Datasheet HTML 19Page - Dallas Semiconductor DS2143 Datasheet HTML 20Page - Dallas Semiconductor DS2143 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
DS2143/DS2143Q
17 of 44
SR1: STATUS REGISTER 1 (Address=06 Hex)
(MSB)
(LSB)
RSA1
RDMA
RSA0
SLIP
RUA1
RRA
RCL
RLOS
SYMBOL
POSITION
NAME AND DESCRIPTION
RSA1
SR1.7
Receive Signaling All 1s. Set when the contents of timeslot 16
contains less than 3 0s over 16 consecutive frames. This alarm is
not disabled in the CCS signaling mode.
RDMA
SR1.6
Receive Distant MF Alarm. Set when bit 6 of timeslot 16 in
frame 0 has been set for 2 consecutive multiframes. This alarm
is not disabled in the CCS signaling mode.
RSA0
SR1.5
Receive Signaling All 0s. Set when over a full MF, timeslot 16
contains all 0s.
SLIP
SR1.4
Elastic Store Slip Occurrence. Set when the elastic store has
either repeated or deleted a frame of data.
RUA1
SR1.3
Receive Unframed All 1s. Set when an unframed all 1s code is
received at RPOS and RNEG.
RRA
SR1.2
Receive Remote Alarm. Set when a remote alarm is received at
RPOS and RNEG.
RCL
SR1.1
Receive Carrier Loss. Set when 255 consecutive 0s have been
detected at RPOS and RNEG.
RLOS
SR1.0
Receive Loss of Sync. Set when the device is not synchronized
to the receive E1 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com