Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 24Page - Dallas Semiconductor DS2143 Datasheet HTML 25Page - Dallas Semiconductor DS2143 Datasheet HTML 26Page - Dallas Semiconductor DS2143 Datasheet HTML 27Page - Dallas Semiconductor DS2143 Datasheet HTML 28Page - Dallas Semiconductor DS2143 Datasheet HTML 29Page - Dallas Semiconductor DS2143 Datasheet HTML 30Page - Dallas Semiconductor DS2143 Datasheet HTML 31Page - Dallas Semiconductor DS2143 Datasheet HTML 32Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
DS2143/DS2143Q
28 of 44
11.0 ADDITIONAL (Sa) AND INTERNATIONAL (Si) BIT OPERATION
The DS2143 provides for access to both the Additional (Sa) and International (Si) bits. On the receive
side, the RAF and RNAF registers will always report the data as it received in the Additional and
International bit locations. The RAF and RNAF registers are updated with the setting of the Receive
Align Frame bit in Status Register 2 (SR2.6). The host can use the SR2.6 bit to know when to read the
RAF and RNAF registers. It has 250
µs to retrieve the data before it is lost.
On the transmit side, data is sampled from the TAF and TNAF registers with the setting of the Transmit
Align Frame bit in Status Register 2 (SR2.3). The host can use the SR2.3 bit to know when to update the
TAF and TNAF registers. It has 250
µs to update the data or else the old data will be retransmitted. Data
in the Si bit position will be overwritten if either the DS2143 is programmed: (1) to source the Si bits
from the TSER pin, (2) in the CRC4 mode, or (3) have automatic E-bit insertion enabled. Data in the Sa
bit position will be overwritten if any of the TCR2.3 to TCR2.7 bits is set to 1. Please see the register
descriptions for TCR1 and TCR2 and the Transmit Data Flow diagram in Section 13 for more details.
RAF: RECEIVE ALIGN FRAME REGISTER (Address=2F Hex)
(MSB)
(LSB)
Si
00110
1
1
SYMBOL
POSITION
NAME AND DESCRIPTION
Si
RAF.7
International Bit.
0
RAF.6
Frame Alignment Signal Bit.
0
RAF.5
Frame Alignment Signal Bit.
1
RAF.4
Frame Alignment Signal Bit.
1
RAF.3
Frame Alignment Signal Bit.
0
RAF.2
Frame Alignment Signal Bit.
1
RAF.1
Frame Alignment Signal Bit.
1
RAF.0
Frame Alignment Signal Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com