Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 26Page - Dallas Semiconductor DS2143 Datasheet HTML 27Page - Dallas Semiconductor DS2143 Datasheet HTML 28Page - Dallas Semiconductor DS2143 Datasheet HTML 29Page - Dallas Semiconductor DS2143 Datasheet HTML 30Page - Dallas Semiconductor DS2143 Datasheet HTML 31Page - Dallas Semiconductor DS2143 Datasheet HTML 32Page - Dallas Semiconductor DS2143 Datasheet HTML 33Page - Dallas Semiconductor DS2143 Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
DS2143/DS2143Q
30 of 44
TNAF: TRANSMIT NON-ALIGN FRAME REGISTER (Address=21 Hex)
(MSB)
(LSB)
Si
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
SYMBOL
POSITION
NAME AND DESCRIPTION
Si
TNAF.7
International Bit.
1
TNAF.6
Frame Non-Alignment Signal Bit.
A
TNAF.5
Remote Alarm.
Sa4
TNAF.4
Additional Bit 4.
Sa5
TNAF.3
Additional Bit 5.
Sa6
TNAF.2
Additional Bit 6.
Sa7
TNAF.1
Additional Bit 7.
Sa8
TNAF.0
Additional Bit 8.
12.0 LINE INTERFACE CONTROL FUNCTION
The DS2143 can control line interface units that contain serial ports. When Control Register Bytes 1 or 2
(CRB1, CRB2) are written to, the DS2143 will automatically write this data serially (LSB first) into the
line interface by creating a chip select, serial clock and serial data via the LI_ CS , LI_SCLK and LI_SDI
pins respectively. This control function is driven off of the RCLK and it must be present for proper
operation. Registers CRB1 and CRB2 can only be written to, they cannot be read from. Writes to these
registers must be at least 20
µs apart. See Section 13 for timing information.
CRB1: CONTROL REGISTER BYTE 1 (Address=18 Hex)
CRB2: CONTROL REGISTER BYTE 2 (Address=19 Hex)
(MSB)
(LSB)
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
CRB1
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
CRB2
SYMBOL
POSITION
NAME AND DESCRIPTION
CR1
CRB1.0
LSB of Control Register Byte 1.
CR7
CRB2.7
MSB of Control Register Byte 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com