Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 33Page - Dallas Semiconductor DS2143 Datasheet HTML 34Page - Dallas Semiconductor DS2143 Datasheet HTML 35Page - Dallas Semiconductor DS2143 Datasheet HTML 36Page - Dallas Semiconductor DS2143 Datasheet HTML 37Page - Dallas Semiconductor DS2143 Datasheet HTML 38Page - Dallas Semiconductor DS2143 Datasheet HTML 39Page - Dallas Semiconductor DS2143 Datasheet HTML 40Page - Dallas Semiconductor DS2143 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DS2143/DS2143Q
37 of 44
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATION CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
VDD+0.3
V
Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
4.5
5.5
V
CAPACITANCE
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF
DC CHARACTERISTICS
(0
°C to 70°C; V
DD = 5V
± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
10
mA
1
Input Leakage
IIL
-1.0
+1.0
µA
2
Output Leakage
ILO
1.0
µA
3
Output Current (2.4V)
IOH
-1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
NOTES:
1. RCLK = TCLK = 2.048 MHz; VDD = 5.5V.
2. 0.0V < VIN < VDD.
3. Applies to INT1 and INT2 when 3-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com