Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 12Page - Dallas Semiconductor DS2143 Datasheet HTML 13Page - Dallas Semiconductor DS2143 Datasheet HTML 14Page - Dallas Semiconductor DS2143 Datasheet HTML 15Page - Dallas Semiconductor DS2143 Datasheet HTML 16Page - Dallas Semiconductor DS2143 Datasheet HTML 17Page - Dallas Semiconductor DS2143 Datasheet HTML 18Page - Dallas Semiconductor DS2143 Datasheet HTML 19Page - Dallas Semiconductor DS2143 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
DS2143/DS2143Q
16 of 44
SSR: SYNCHRONIZER STATUS REGISTER (Address=1E Hex)
(MSB)
(LSB)
CSC5
CSC4
CSC3
CSC2
CSC0
FASSA
CASSA
CRC4SA
SYMBOL
POSITION
NAME AND DESCRIPTION
CSC5
SSR.7
CRC4 Sync Counter Bit 5. MSB of the 6-bit counter.
CSC4
SSR.6
CRC4 Sync Counter Bit 4.
CSC3
SSR.5
CRC4 Sync Counter Bit 3.
CSC2
SSR.4
CRC4 Sync Counter Bit 2.
CSC1
SSR.3
CRC4 Sync Counter Bit 0. LSB of the 6-bit counter. The next
to LSB is not accessible.
FASSA
SSR.2
FAS Sync Active. Set while the synchronizer is searching for
alignment at the FAS level.
CASSA
SSR.1
CAS MF Sync Active. Set while the synchronizer is searching
for the CAS MF alignment word.
CRC4SA
SSR.0
CRC4 MF Sync Active. Set while the synchronizer is searching
for the CRC4 MF alignment word.
CRC4 SYNC COUNTER
The CRC4 Sync Counter increments each time the 8ms CRC4 multiframe search times out. The counter
is cleared when the DS2143 has successfully obtained synchronization at the CRC4 level. The counter
can also be cleared by disabling the CRC4 mode (CCR.0=0). This counter is useful for determining the
amount of time the DS2143 has been searching for synchronization at the CRC4 level. Annex B of
CCITT G.706 suggests that if synchronization at the CRC4 level cannot be obtained within 400 ms, then
the search should be abandoned and proper action taken. The CRC4 Sync Counter will rollover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com