Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 21Page - Dallas Semiconductor DS2143 Datasheet HTML 22Page - Dallas Semiconductor DS2143 Datasheet HTML 23Page - Dallas Semiconductor DS2143 Datasheet HTML 24Page - Dallas Semiconductor DS2143 Datasheet HTML 25Page - Dallas Semiconductor DS2143 Datasheet HTML 26Page - Dallas Semiconductor DS2143 Datasheet HTML 27Page - Dallas Semiconductor DS2143 Datasheet HTML 28Page - Dallas Semiconductor DS2143 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DS2143/DS2143Q
25 of 44
TS1 TO TS16: TRANSMIT SIGNALING REGISTERS (Address=40 to 4F Hex)
(MSB)
(LSB)
0000
X
Y
X
X
TS1 (40)
A(1)
B(1)
C(1)
D(1)
A(16)
B(16)
C(16)
D(16)
TS2 (41)
A(2)
B(2)
C(2)
D(2)
A(17)
B(17)
C(17)
D(17)
TS3(42)
A(3)
B(3)
C(3)
D(3)
A(18)
B(18)
C(18)
D(18)
TS4 (43)
A(4)
B(4)
C(4)
D(4)
A(19)
B(19)
C(19)
D(19)
TS5 (44)
A(5)
B(5)
C(5)
D(5)
A(20)
B(20)
C(20)
D(20)
TS6 (45)
A(6)
B(6)
C(6)
D(6)
A(21)
B(21)
C(21)
D(21)
TS7 (46)
A(7)
B(7)
C(7)
D(7)
A(22)
B(22)
C(22)
D(22)
TS8 (47)
A(8)
B(8)
C(8)
D(8)
A(23)
B(23)
C(23)
D(23)
TS9 (48)
A(9)
B(9)
C(9)
D(9)
A(24)
B(24)
C(24)
D(24)
TS10 (49)
A(10)
B(10)
C(10)
D(10)
A(25)
B(25)
C(25)
D(25)
TS11 (4A)
A(11)
B(11)
C(11)
D(11)
A(26)
B(26)
C(26)
D(26)
TS12 (4B)
A(12)
B(12)
C(12)
D(12)
A(27)
B(27)
C(27)
D(27)
TS13(4C)
A(13)
B(13)
C(13)
D(13)
A(28)
B(28)
C(28)
D(28)
TS14 (4D)
A(14)
B(14)
C(14)
D(14)
A(29)
B(29)
C(29)
D(29)
TS15 (4E)
A(15)
B(15)
C(15)
D(15)
A(30)
B(30)
C(30)
D(30)
TS16 (4F)
SYMBOL
POSITION
NAME AND DESCRIPTION
X
TS1.0/1/3
Spare Bits.
Y
TS1.2
Remote Alarm Bit.
A(1)
TS2.7
Signaling Bit A for Channel 1.
D(30)
TS16.0
Signaling Bit D for Channel 30.
Each Transmit Signaling Register (TS1 to TS16) contains the CAS bits for two timeslots that will be
inserted into the outgoing stream if enabled to do so via TCR1.5. On multiframe boundaries, the DS2143
will load the values present in the Transmit Signaling Register into an outgoing signaling shift register
that is internal to the device. The user can utilize the Transmit Multiframe bit in Status Register 2 (SR2.5)
to know when to update the signaling bits. The bit will be set every 2 ms and the user has 2 ms to update
the TSRs before the old data will be retransmitted.
The TS1 register is special because it contains the CAS multiframe alignment word in its upper nibble.
The upper 4 bits must always be set to 0000 or else the terminal at the far end will lose multiframe
synchronization. If the user wishes to transmit a multiframe alarm to the far end, then the TS1.2 bit
should be set to a 1. If no alarm is to be transmitted, then the TS1.2 bit should be cleared. The three
remaining bits in TS1 are the spare bits. If they are not used, they should be set to 1. In CCS signaling
mode, TS1 to TS16 can also be used to insert signaling information. Via the SR2.5 bit, the user will be
informed when the signaling registers need to be loaded with data. The user has 2 ms to load the data
before the old data will be retransmitted.
8.0 TRANSMIT IDLE REGISTERS
There is a set of five registers in the DS2143 that can be used to custom tailor the data that is to be
transmitted onto the E1 line, on a channel by channel basis. Each of the 32 E1 channels can be forced to
have a user defined idle code inserted into them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com