Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 36Page - Dallas Semiconductor DS2143 Datasheet HTML 37Page - Dallas Semiconductor DS2143 Datasheet HTML 38Page - Dallas Semiconductor DS2143 Datasheet HTML 39Page - Dallas Semiconductor DS2143 Datasheet HTML 40Page - Dallas Semiconductor DS2143 Datasheet HTML 41Page - Dallas Semiconductor DS2143 Datasheet HTML 42Page - Dallas Semiconductor DS2143 Datasheet HTML 43Page - Dallas Semiconductor DS2143 Datasheet HTML 44Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
DS2143/DS2143Q
40 of 44
AC CHARACTERISTICS - TRANSMIT SIDE
(0
°C to 70°C; V
DD = 5V
±±±± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TCLK Period
tP
488
ns
TCLK Pulse Width
tCH
tCL
50
50
ns
ns
TSER, TSYNC, TLINK Setup to TCLK
Falling
tSU
25
ns
TSER, TLINK Hold from TCLK Falling
tHD
25
ns
TCLK Rise/Fall Times
tR, tF
25
ns
Data Delay
tDD
50
ns
TSYNC Pulse Width
tPW
50
ns
AC CHARACTERISTICS - RECEIVE SIDE
(0
°C to 70°C; V
DD = 5V
±±±±=10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RCLK and SYSCLK Period
tP
488
ns
RCLK and SYSCLK Pulse Width
tCH
tCL
50
50
ns
ns
RPOS, RNEG, RSYNC Setup to RCLK
Falling
tSU
25
ns
RPOS, RNEG, Hold from RCLK Falling
tHD
25
ns
RCLK Rise/Fall Times
tR, tF
25
ns
Data Delay
tDD
60
ns
RSYNC Pulse Width
tPW
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com