| Electronic Components Datasheet Search |
|
DS2143 Datasheet(PDF) 22 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2143 Datasheet(HTML) 22 Page - Dallas Semiconductor |
|
22 / 44 page ![]() DS2143/DS2143Q 22 of 44 BPVCR1: UPPER BIPOLAR VIOLATION COUNT REGISTER 1 (Address=00 Hex) BPVCR2: LOWER BIPOLAR VIOLATION COUNT REGISTER 2 (Address=01 Hex) (MSB) (LSB) BV7 BV6 BV5 BV4 BV3 BV2 BV1 BV0 BPVCR2 BV15 BV14 BV13 BV12 BV11 BV10 BV9 BV8 BPVCR1 SYMBOL POSITION NAME AND DESCRIPTION BV15 BPVCR1.7 MSB of the bipolar violation count. BV0 BPVCR2.0 LSB of the bipolar violation count. Bipolar Violation Count Register 1 (BPVCR1) is the most significant word and BPVCR2 is the least significant word of a 16-bit counter that records bipolar violations (BPVs). If the HDB3 mode is set for the receive side via CCR.2, then HDB3 code words are not counted. This counter increments at all times and is not disabled by loss of sync conditions. The counter saturates at 65,535 and will not rollover. The bit error rate on a E1 line would have to be greater than 10**-2 before the BPVCR would saturate. CRCCR1: CRC4 COUNT REGISTER 1 (Address=02 Hex) CRCCR2: CRC4 COUNT REGISTER 2 (Address=03 Hex) (MSB) (LSB) CRC7 CRC6 CRC5 CRC4 CRC3 CRC2 CRC1 CRC0 CRCCR2 CRC14 CRC14 CRC13 CRC12 CRC11 CRC10 CRC9 CRC8 CRCCR1 SYMBOL POSITION NAME AND DESCRIPTION CRC15 CRCCR1.7 MSB of the CRC4 error count. CRC0 CRCCR2.0 LSB of the CRC4 error count. CRC4 Count Register 1 (CRCCR1) is the most significant word and CRCCR2 is the least significant word of a 16-bit counter that records word errors in the Cyclic Redundancy Check 4 (CRC4). Since the maximum CRC4 count in a 1-second period is 1000, this counter cannot saturate. The counter is disabled during loss of sync at either the FAS or CRC4 level; it will continue to count if loss of sync occurs at the CAS level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |