Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 34Page - Dallas Semiconductor DS2143 Datasheet HTML 35Page - Dallas Semiconductor DS2143 Datasheet HTML 36Page - Dallas Semiconductor DS2143 Datasheet HTML 37Page - Dallas Semiconductor DS2143 Datasheet HTML 38Page - Dallas Semiconductor DS2143 Datasheet HTML 39Page - Dallas Semiconductor DS2143 Datasheet HTML 40Page - Dallas Semiconductor DS2143 Datasheet HTML 41Page - Dallas Semiconductor DS2143 Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
DS2143/DS2143Q
38 of 44
AC CHARACTERISTICS - PARALLEL PORT
(0
°C to 70°C; V
DD = 5V + 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
250
ns
Pulse Width, DS Low or RD High
PWEL
150
ns
Pulse Width, DS High or RD Low
PWEH
100
ns
Input Rise/Fall Times
tR, tF
30
ns
R/ W Hold Time
tRWH
10
ns
R/ W Setup Time Before DS High
tRWS
50
ns
CS
Setup Time Before DS, WR or RD
active
tCS
20
ns
CS
Hold Time
tCH
0ns
Read Data Hold Time
tDHR
10
50
ns
Write Data Hold Time
tDHW
0ns
Muxed Address Valid to AS or ALE Fall
tASL
20
ns
Muxed Address Hold Time
tAHL
10
ns
Delay Time, DS, WR or RD to AS or ALE
Rise
tASD
25
ns
Pulse Width AS or ALE High
PWASH
40
ns
Delay Time, AS or ALE to DS, WR or RD
tASED
20
ns
Output Data Delay Time from DS or RD
tDDR
20
100
ns
Data Setup Time
tDSW
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com