Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 23Page - Dallas Semiconductor DS2143 Datasheet HTML 24Page - Dallas Semiconductor DS2143 Datasheet HTML 25Page - Dallas Semiconductor DS2143 Datasheet HTML 26Page - Dallas Semiconductor DS2143 Datasheet HTML 27Page - Dallas Semiconductor DS2143 Datasheet HTML 28Page - Dallas Semiconductor DS2143 Datasheet HTML 29Page - Dallas Semiconductor DS2143 Datasheet HTML 30Page - Dallas Semiconductor DS2143 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
DS2143/DS2143Q
27 of 44
RCBR1/RCBR2/RCBR3/RCBR4:
RECEIVE CHANNEL BLOCKING REGISTERS (Address=2B to 2E Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RCBR1 (2B)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RCBR2 (2C)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RCBR3 (2D)
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RCBR4 (2E)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH32
RCBR4.7
Receive Channel Blocking Registers.
0 = force the RCHBLK pin to remain low during this channel
time.
CH1
RCBR1.0
1 = force the RCHBLK pin high during this channel time.
TCBR1/TCBR2/TCBR3/TCBR4:
TRANSMIT CHANNEL BLOCKING REGISTERS (Address=22 to 25 Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TCBR1 (22)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TCBR2 (23)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TCBR3 (24)
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TCBR4 (25)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH32
TCBR4.7
Receive Channel Blocking Registers.
0 = force the TCHBLK pin to remain low during this channel
time.
CH1
TCBR1.0
1 = force the TCHBLK pin high during this channel time.
10.0 ELASTIC STORE OPERATION
The DS2143 has an onboard two-frame (512 bits) elastic store. This elastic store can be enabled via
RCR2.1. If the elastic store is enabled (RCR2.1=1), then the user must provide either a 1.544 MHz
(RCR2.2=0) or 2.048 MHz (RCR2.2=1) clock at the SYSCLK pin. If the elastic store is enabled, then the
user has the option of either providing a frame sync at the RFSYNC pin (RCR1.5=1) or having the
RFSYNC pin provide a pulse on frame or multiframe boundaries (RCR1.5=0). If the user wishes to
obtain pulses at the frame boundary, then RCR1.6 must be set to 0, and if the user wishes to have pulses
occur at the multiframe boundary, then RCR1.6 must be set to 1. If the user selects to apply a 1.544 MHz
clock to the SYSCLK pin, then every fourth channel will be deleted and the F-bit position inserted
(forced to 1). Hence channels 1, 5, 9, 13, 17, 21, 25, and 29 (timeslots 0, 4, 8, 12, 16, 20, 24, and 28) will
be deleted. Also, in 1.544 MHz applications, the RCHBLK output will not be active in channels 25
through 32 (or in other words, RCBR4 is not active). See Section 13 for more details. If the 512-bit
elastic buffer either fills or empties, a controlled slip will occur. If the buffer empties, then a full frame of
data (256 bits) will be repeated at RSER and the SR1.4 and RIR.3 bits will be set to a 1. If the buffer fills,
then a full frame of data will be deleted and the SR1.4 and RIR.4 bits will be set to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com