Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 19Page - Dallas Semiconductor DS2143 Datasheet HTML 20Page - Dallas Semiconductor DS2143 Datasheet HTML 21Page - Dallas Semiconductor DS2143 Datasheet HTML 22Page - Dallas Semiconductor DS2143 Datasheet HTML 23Page - Dallas Semiconductor DS2143 Datasheet HTML 24Page - Dallas Semiconductor DS2143 Datasheet HTML 25Page - Dallas Semiconductor DS2143 Datasheet HTML 26Page - Dallas Semiconductor DS2143 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
DS2143/DS2143Q
23 of 44
EBCR1: E-BIT COUNT REGISTER 1 (Address=04 Hex)
EBCR2: E-BIT COUNT REGISTER 2 (Address=05 Hex)
(MSB)
(LSB)
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
EBCR2
EB15
EB14
EB13
EB12
EB11
EB10
EB9
EB8
EBCR1
SYMBOL
POSITION
NAME AND DESCRIPTION
EB15
EBCR1.7
MSB of the E-Bit error count.
EB0
EBCR2.0
LSB of the E-Bit error count.
E-bit Count Register 1 (EBCR1) is the most significant word and EBCR2 is the least significant word of
a 16-bit counter that records Far End Block Errors (FEBE) as reported in the first bit of frames 13 and 15
on E1 lines running with CRC4 multiframe. These count registers will increment once each time the
received E-bit is set to 0. Since the maximum E-bit count in a 1-second period is 1000, this counter
cannot saturate. The counter is disabled during loss of sync at either the FAS or CRC4 level; it will
continue to count if loss of sync occurs at the CAS level.
6.0 Sa DATA LINK CONTROL AND OPERATION
The DS2143 provides for access to the proposed E1 performance monitor data link in the Sa bit positions.
The device allows access to the Sa bits either via a set of two internal registers (RNAF and TNAF) or via
two external pins (RLINK and TLINK).
On the receive side, the Sa bits are always reported in the internal RNAF register (see Section 11 for more
details). All five Sa bits are always output at the RLINK pin. See Section 13 for detailed timing. Via
RCR2, the user can control the RLCLK pin to pulse during any combination of Sa bits. This allows the
user to create a clock that can be used to capture the needed Sa bits.
On the transmit side, the individual Sa bits can be either sourced from the internal TNAF register
(TCR1.6=0) or from the external TLINK pin. Via TCR2, the DS2143 can be programmed to source any
combination of the additional bits from the TLINK pin. If the user wishes to pass the Sa bits through the
DS2143 without them being altered, then the device should be set up to source all 5 Sa bits via the
TLINK pin and the TLINK pin should be tied to the TSER pin. Please see the timing diagrams and the
transmit data flow diagram in Section 13 for examples.
7.0 SIGNALING OPERATION
The Channel Associated Signaling (CAS) bits embedded in the E1 stream can be extracted from the
receive stream and inserted into the transmit stream by the DS2143. Each of the 30 channels has 4
signaling bits (A/B/C/D) associated with it. The numbers in parenthesis () are the channel associated with
a particular signaling bit. The channel numbers have been assigned as described in the CCITT documents.
For example, channel 1 is associated with timeslot 1 and channel 30 is associated with timeslot 31. There
is a set of 16 registers for the receive side (RS1 to RS16) and 16 registers on the transmit side (TS1 to
TS16). The signaling registers are detailed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com