Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 101Page - National Semiconductor (TI) DP83266VF Datasheet HTML 102Page - National Semiconductor (TI) DP83266VF Datasheet HTML 103Page - National Semiconductor (TI) DP83266VF Datasheet HTML 104Page - National Semiconductor (TI) DP83266VF Datasheet HTML 105Page - National Semiconductor (TI) DP83266VF Datasheet HTML 106Page - National Semiconductor (TI) DP83266VF Datasheet HTML 107Page - National Semiconductor (TI) DP83266VF Datasheet HTML 108Page - National Semiconductor (TI) DP83266VF Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
70 Control Information (Continued)
Request Channel 0 and 1 Configuration Registers 0 (R0CR0 and R1CR0)
The two Request Configuration Registers 0 (R0CR0 and R1CR0) are programmed with operational parameters for each of the
Request Channels Additional Request Channel parameters are configured in Request Configuration Registers 1 These regis-
ters may only be altered between Requests ie while the particular Request Channel does not have a Request loaded
These registers are not altered upon reset
Access Rules
Address
Read
Write
110–111h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
TT1
TT0
PRE
HLD
FCT
SAT
VST
FCS
Bit
Symbol
Description
D0
FCS
Frame Check Sequence Disable
When this bit is set the MACSI device asserts the FCST signal throughout
the request This drives the Ring Engine FCST signal This bit is used to program the Ring Engine (MAC) not to
concatenate its generated FCS to the transmitted frame The Valid FCS bit in the Expected Frame Status
Register independently determines whether a frame needs a valid FCS to meet the matching frame criteria
D1
VST
Vold Stripping
When this bit is set the MACSI device asserts the STRIP signal out throughout the request
This drives the Ring Engine STRIP (Void Strip) signal The STRIP signal may also drive the Ring Engine SAT
signal depending on the state of the BOSEL bit See ‘‘MAC Mode Register 2 (MCMR2)’’
D2
SAT
Source Address Transparency
When this bit is set the MACSI device asserts the SAT output signal
throughout the request This drives the Ring Engine SAIGT signal It may optionally drive the SAT signal
depending upon the setting of the BOSEL bit See ‘‘MAC Mode Register 2 (MCMR2)’’ When SAT is set Full
Confirmation requires the use of the EM (External SA Match) signal
D3
FCT
Frame Control Transparency
When this bit is set the FC will be sourced from the ODU (not the REQFirst or
REQOnly Descriptor) When Full Confirmation is enabled and FCT e 0 all bits of the FC in returning frames
must match the FC field in the REQ Descriptor if FCT e 1 only the C L and r bits must match
Note that since the MACSI device decodes the REQF Descriptor FC field to determine whether to assert
RQCLMRQBCN FC transparency may be used to send Beacons or Claims in any ring non-operational state
as long as the FC in the REQ Descriptor is not set to Beacon or Claim By programming a Beacon or Claim FC
in the REQ Descriptor then using FC transparency any type of frame may be transmitted in the Beacon or
Claim state
D4
HLD
Hold
When this bit is set the MACSI device will not end a service opportunity until the Request is complete
When this bit is Zero the MACSI device ends the service opportunity on the Request Channel when all of the
following conditions are met
1 There is no valid request active on the Request Channel
2 The service class is non-immediate
3 There is no data in the FIFO
4 There is no valid REQ fetched by the MACSI device
This bit also affects Prestaging on RCHN1 (Request Channel 1) When HLD e 0 prestaging is enabled on
RCHN1 regardless of the state of the PRE bit (except for Immediate service classes) When HLD e 1
prestaging is determined by the PRE bit This option can potentially waste ring bandwidth but may be required
(particularly on RCHN0 Request Channel 0) if a guaranteed service time is required
When using the Repeat option HLD is required for small frames If HLD is not used the other Request
Channel will be checked for service before releasing the token between frames This may not be the desired
action particularly if there is a request on RCHN1 that needs servicing after the completion of RCHN0’s
Repeated Request
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com